Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 157 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 153Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 154Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 155Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 156Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 157Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 158Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 159Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 160Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.5.9
Reset Electrical Data/Timing
Note: If a configuration pin must be routed out from the device, the internal pullup/pulldown (IPU/IPD)
resistor should not be relied upon; TI recommends the use of an external pullup/pulldown resistor.
Table 6-11. Timing Requirements for Reset (see Figure 6-7 and Figure 6-8)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
UNIT
MIN
MAX
1
tw(RESET)
Pulse duration, POR low or RESET low
12C(1)
ns
Setup time, boot and configuration pins valid before POR high or RESET
4
tsu(CONFIG)
12C(1)
ns
high(2)
Hold time, boot and configuration pins valid after POR high or RESET
5
th(CONFIG)
0
ns
high(2)
(1)
C = 1/MXI clock frequency in ns. The device clock source must be stable and at a valid frequency prior to meeting the tw(RESET)
requirement.
(2)
For the list of boot and configuration pins, see Table 2-7 , Boot Terminal Functions.
Table 6-12. Switching Characteristics Over Recommended Operating Conditions During Reset(1)
(see Figure 6-8)
-7/-6/-5/-4
-L/-Q6/-Q5/-Q4
NO.
PARAMETER
UNIT
MIN
MAX
2
td(RSTH-RSTOUTH)
Delay time, POR high or RESET high to RESETOUT high
1900C
ns
3
tw(PAUSE)
Pulse duration, SYSCLKs paused (low) before RESETOUT high
10C
10C
ns
6
td(RSTL-IV)
Delay time, POR low or RESET low to pins invalid
20
ns
7
td(RSTH-V)
Delay time, POR high or RESET high to pins valid
20
ns
8
td(RSTOUTH-V)
Delay time, RESETOUT high to pins valid
0
ns
9
td(RSTOUTH-IV)
Delay time, RESETOUT high to pins invalid
12C
ns
(1)
C = 1/CLKIN1 clock frequency in ns.
Figure 6-7 shows the Power-Up Timing. Figure 6-8 shows the Warm Reset (RESET) Timing and Max
Reset Timing are identical to Warm Reset Timing, except the boot and configuration pins are not
relatched and the BOOTCFG register retains its previous value latched before the Max Reset were
initiated.
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
157
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com