Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 61 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 57Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 58Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 59Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 60Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 61Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 62Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 63Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 64Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-28. Supply Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
L14
U5
P5
V1
P7
V4
P9
V6
P11
V8
P13
V10
R4
V12
R6
V14
R8
V16
1.8 V DDR2 I/O supply voltage
DVDDR2
S
(see the Power-Supply Decoupling section of this data manual)
R10
V18
R12
W7
R14
W9
R16
W11
T5
W17
V1
W19
W18
AA1
W19
AB21
AB22
H7
J10
H9
J11
H11
J12
H13
J13
J8
K9
J10
K14
J12
L9
K7
L13
K9
L14
K11
M9
1.20 V supply voltage (-7/-6/-5/-4/-Q6/-Q5/-Q4 devices)
CVDD
K13
M10
S
1.05 V core supply voltage (-7/-6/-5/-4/-L/-Q5 devices)
(see the Power-Supply Decoupling section of this data manual)
L8
M14
L10
N9
L12
N14
M7
P10
M9
P11
M11
P12
M13
P13
N8
N10
N12
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
61
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com