Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 1 Page - Texas Instruments

  TNETV2664FIBZWT Datasheet HTML 1Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 2Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 3Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 4Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 5Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 6Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 7Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 8Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
TMS320C6424 Fixed-Point Digital Signal Processor
Check for Samples: TMS320C6424
1
TMS320C6424 Fixed-Point Digital Signal Processor
1.1
Features
1
• High-Performance Digital Signal Processor
• C64x+ L1/L2 Memory Architecture
(C6424)
– 256K-Bit (32K-Byte) L1P Program
– 2.5-, 2-, 1.67-, 1.43-ns Instruction Cycle Time
RAM/Cache [Flexible Allocation]
– 400-, 500-, 600-, 700-MHz C64x+™ Clock Rate
– 640K-Bit (80K-Byte) L1D Data RAM/Cache
[Flexible Allocation]
– Eight 32-Bit C64x+ Instructions/Cycle
– 1M-Bit (128K-Byte) L2 Unified Mapped
– 3200, 4000, 4800, 5600 MIPS
RAM/Cache [Flexible Allocation]
– Fully Software-Compatible With C64x
• Endianess: Supports Both Little Endian and
– Commercial and Automotive (Q or S suffix)
Big Endian
Grades
• External Memory Interfaces (EMIFs)
– Low-Power Device (L suffix)
– 32-Bit DDR2 SDRAM Memory Controller With
• VelociTI.2™ Extensions to VelociTI™
256M-Byte Address Space (1.8-V I/O)
Advanced Very-Long-Instruction-Word (VLIW)
Supports up to 333-MHz (data rate) bus
TMS320C64x+™ DSP Core
and interfaces to DDR2-400 SDRAM
– Eight Highly Independent Functional Units
– Asynchronous 16-Bit Wide EMIF (EMIFA)
With VelociTI.2 Extensions:
With up to 128M-Byte Address Reach
Six ALUs (32-/40-Bit), Each Supports
Flash Memory Interfaces
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Arithmetic per Clock Cycle
NOR (8-/16-Bit-Wide Data)
Two Multipliers Support Four 16 x 16-Bit
NAND (8-/16-Bit-Wide Data)
Multiplies (32-Bit Results) per Clock
• Enhanced Direct-Memory-Access (EDMA)
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
Controller (64 Independent Channels)
Results) per Clock Cycle
• Two 64-Bit General-Purpose Timers (Each
– Load-Store Architecture With Non-Aligned
Configurable as Two 32-Bit Timers)
Support
• One 64-Bit Watch Dog Timer
– 64 32-Bit General-Purpose Registers
• Two UARTs (One with RTS and CTS Flow
– Instruction Packing Reduces Code Size
Control)
– All Instructions Conditional
• Master/Slave Inter-Integrated Circuit (I2C Bus™)
– Additional C64x+™ Enhancements
• Two Multichannel Buffered Serial Ports
Protected Mode Operation
(McBSPs)
Exceptions Support for Error Detection
– I2S and TDM
and Program Redirection
– AC97 Audio Codec Interface
Hardware Support for Modulo Loop
– SPI
Auto-Focus Module Operation
– Standard Voice Codec Interface (AIC12)
• C64x+ Instruction Set Features
– Telecom Interfaces – ST-Bus, H-100
– Byte-Addressable (8-/16-/32-/64-Bit Data)
– 128 Channel Mode
– 8-Bit Overflow Protection
• Multichannel Audio Serial Port (McASP0)
– Bit-Field Extract, Set, Clear
– Four Serializers and SPDIF (DIT) Mode
– Normalization, Saturation, Bit-Counting
• 16-Bit Host-Port Interface (HPI)
– VelociTI.2 Increased Orthogonality
• 32-Bit 33-MHz, 3.3-V Peripheral Component
– C64x+ Extensions
Interconnect (PCI) Master/Slave Interface
Compact 16-bit Instructions
Additional Instructions to Support
Complex Multiplies
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TNETV2664FIBZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETV2685FIBZUT11 TI1-TNETV2685FIBZUT11 Datasheet
1Mb / 190P
Digital Media Processor
TNETV2685FIBZUT11 TI1-TNETV2685FIBZUT11 Datasheet
1Mb / 191P
Digital Media Processor
TNETV2685FIBZUT5 TI1-TNETV2685FIBZUT5 Datasheet
1Mb / 191P
Digital Media Processor
TNETV2685FIBZUT7 TI1-TNETV2685FIBZUT7 Datasheet
1Mb / 191P
Digital Media Processor
TNETV2685FIBZUT9 TI1-TNETV2685FIBZUT9 Datasheet
1Mb / 191P
Digital Media Processor
More results

Similar Description - TNETV2664FIBZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC549 TI-TMS320VC549 Datasheet
787Kb / 60P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320VC5416 TI-SMJ320VC5416 Datasheet
1Mb / 92P
Fixed-Point Digital Signal Processor
TMS320VC549 TI-TMS320VC549_06 Datasheet
863Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SMJ320LC549 TI-SMJ320LC549 Datasheet
888Kb / 52P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5506 TI-TMS320VC5506 Datasheet
1Mb / 120P
Fixed-Point Digital Signal Processor
TMS320VC5504 TI-TMS320VC5504 Datasheet
1Mb / 128P
Fixed-Point Digital Signal Processor
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com