Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 99 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 95Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 96Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 97Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 98Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 99Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 100Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 101Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 102Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
PCI Data Block
AD30
AD28
AD26
3.7.3.2
Peripherals Spanning Multiple Pin Mux Blocks
Some peripherals span multiple Pin Mux Blocks. To use these peripherals, they must be selected in all of
the relevant Pin Mux Blocks. The following is the list of peripherals that span multiple Pin Mux Blocks:
PCI: PCI pins span across the Host Block, EMIFA Block Sub-Block 0 and Sub-Block 3, PCI Data
Block, and GPIO Block. To select PCI pins, program PINMUX registers as follows:
Host Block: PCIEN = 1, HOSTBK = 000
EMIFA Block: Select either Major Configuration Option G, H, J, or K. For more details on the
PINMUX settings associated with Major Configuration Options G, H, J, or K, see Section 3.7.3.13,
EMIFA Block Muxing.
PCI Data Block: PCIEN = 1
GPIO Block: PCIEN = 1
McBSP0: Six McBSP0 pins are located in the Serial Port Sub-Block 0, but the CLKS0 pin is muxed in
the Timer0 Block. To select McBSP0 pins, program PINMUX registers as follows:
Serial Port Sub-Block 0: SPBK0 = 01
Timer0 Block: If CLKS0 pin is desired, program TIM0BK = 10 or 11.
McBSP1: Six McBSP1 pins are located in the Serial Port Sub-Block 1, but the CLKS1 pin is muxed in
the Timer0 Block. To select McBSP1 pins, program PINMUX registers as follows:
Serial Port Sub-Block 1: SPBK1 = 01 (if both McBSP1 transmit and receive pins are needed) or
11 (if only McBSP1 transmit pins are needed)
Timer0 Block: If CLKS1 pin is desired, program TIM0BK = 10.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
99
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com