Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 75 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 71Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 72Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 73Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 74Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 75Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 76Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
•
PLL Output Frequency: (PLLOUT = CLKIN frequency * boot PLL Multiplier) must stay within the
PLLOUT frequency range in Table 6-15, PLLC1 Clock Frequency Ranges.
•
Device Frequency: (SYSCLK1) calculated from Table 3-5 must not exceed the SYSCLK1 maximum
frequency in Table 6-15, PLLC1 Clock Frequency Ranges.
For example, for a 600-MHz device with a CLKIN = 25 MHz, in order to stay within the PLLOUT
frequency range and SYSCLK1 maximum frequency from Table 6-15, PLLC1 Clock Frequency
Ranges, the user must select a boot mode with a PLL1 multiplier between x16 and x24.
3.4.1.3
EMIFA Boot Modes
As shown in Table 3-4 and Table 3-5, there are different types of EMIFA Boot Modes. This subsection
summarizes these types of EMIFA boot modes. For further detailed information, see the Using the
TMS320C642x Bootloader Application Report (literature number SPRAAK5).
•
EMIFA ROM Direct Boot in PLL Bypass Mode (FASTBOOT = 0, BOOTMODE[3:0] = 0100b)
–
The C64x+ fetches the code directly from EMIFA Chip Select 2 Space [EM_CS2] (address
0x4200 0000)
–
The PLL is in Bypass Mode
–
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0]. AEM[2:0] must be
configured to 010b [EMIFA (Async) Pinout Mode 2].
•
EMIFA ROM Fastboot with AIS (FASTBOOT = 1, BOOTMODE[3:0] = 0100b)
–
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
–
The bootloader code programs PLLC1 to PLL Mode to speed up the boot process. The PLL
multiplier value is determined by the PLLMS[2:0] configuration as shown in Table 3-5.
–
The bootloader code reads code from the EMIFA EM_CS2 space using the application image script
(AIS) format.
–
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0]. AEM[2:0] must be
configured to 010b [EMIFA (Async) Pinout Mode 2].
•
EMIFA ROM Fastboot without AIS: (FASTBOOT = 1, BOOTMODE[3:0] = 1001b)
–
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
–
The bootloader code programs PLLC1 to PLL Mode to speed up the boot process. The PLL
multiplier value is determined by the PLLMS[2:0] configuration as shown in Table 3-5.
–
The bootloader code then jumps to the EMIFA EM_CS2 space, at which point the C64x+ fetches
the code directly from address 0x4200 0000.
–
EMIFA is configured as Asynchronous EMIF. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0]. AEM[2:0] must be
configured to 010b [EMIFA (Async) Pinout Mode 2].
•
NAND Flash Boot: (FASTBOOT = 0 or 1, BOOTMODE[3:0] = 0111b)
–
The C64x+ begins execution from the internal bootloader ROM at address 0x0010 0000.
–
Depending on the FASTBOOT and PLLMS[2:0] settings, the bootloader code may program the
PLLC1 to PLL Mode to speed up the boot process. See Table 3-4 and Table 3-5.
–
The bootloader code reads the code from EMIFA (NAND) EM_CS2 (address 0x4200 0000) using
AIS format.
–
EMIFA is configured in NAND mode. The user is responsible for ensuring the desirable
Asynchronous EMIF pins are available through configuration pins AEM[2:0]. AEM[2:0] can be
configured to 010b [EMIFA (Async) Pinout Mode 2] or 101b [EMIFA (NAND) Pinout Mode 5].
3.4.1.4
Serial Boot Modes (I2C, UART[UART0], SPI[McBSP0])
This subsection discusses how the bootloader configures the clock dividers for the serial boot modes—I2C
boot, UART boot, and SPI boot.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
75
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com