Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 95 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 91Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 92Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 93Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 94Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 95Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 96Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 97Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 98Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-18. PINMUX1 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
Host Block*:
See list of 27 pins in HOSTBK bit field
description
PCI Data Block:
AD26
AD28
AD30
GPIO Block:
AD0/GP[0]
PCI Enable.
AD1/GP[1]
AD2/GP[2]
The PINMUX1.PCIEN reflects the state of the PCIEN pin. PINMUX1.PCIEN is AD4/GP[3]
read only and cannot be modified by software. For proper device
operation, the user must hold the desired setting at the PCIEN pin
EMIFA Sub-Block 0*:
throughout device operation.
EM_A[13]/AD25/GP[51]
EM_A[14]/AD27/GP[50]
PCIEN = 0: No PCI supported. Internal pullup/pulldown (IPU/IPD) on these pins
EM_A[15]/AD29/GP[49]
are enabled.
EM_A[16]/PGNT/GP[48]
EM_A[17]/AD31/GP[47]
For PCI multiplexed pins in the GPIO Block, when PCIEN = 0, the pins function
EM_A[18]/PRST/GP[46]
as GPIO (GP[3:0]).
EM_A[19]/PREQ/GP[45]
0
PCIEN
For PCI multiplexed pins in the Host Block, refer to PINMUX1.HOSTBK field for
EM_A[20]/PINTA/GP[44]
the actual pin functions.
For PCI multiplexed pins in the EMIFA Block, refer to the PINMUX0.AEM field
EMIFA Sub-Block 3*:
for the actual pin functions.
EM_A[12]/PCBE3/GP[89]
For PCI pins in the PCI Data Block, when PCIEN = 0, the pins have no function
EM_A[11]/AD24/GP[90]
and should be left unconnected.
EM_A[10]/AD23/GP[91]
EM_A[9]/PIDSEL/GP[92]
PCIEN = 1: PCI supported. Internal pullup/pulldown (IPU/IPD) on all PCI pins
EM_A[8]/AD21/GP[93]
are disabled.
EM_A[7]/AD22/GP[94]
EM_A[6]/AD20/GP[95]
All pins function as PCI pins.
EM_A[5]/AD19/GP[96]
Applicable only for PINMUX0.AEM = 000b or 101b.
*The pin mux for the EMIFA Sub-Block 0,
EMIFA Sub-Block 3, and Host Block pins are
controlled by a combination of PCIEN and other
PINMUX0/1 fields, including HOSTBK and
AEM. See Section 3.7.3.13.2, EMIFA Block
Pin-By-Pin Multiplexing Summary, for the full
set of valid configurations of EMIFA Block pins.
For the full set of valid configurations of Host
Block pins, see Section 3.7.3.3, Host Block
Muxing.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
95
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com