Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 79 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 75Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 76Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 79Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 80Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Write a ‘1’ to the Boot Complete (BC) bit field in the BOOTCMPLT register to indicate that the host has
completed booting this device.
Once the bootloader code detects BC = 1, it directs the CPU to begin executing from the
DSPBOOTADDR register.
The BOOTCMPLT register is reset by any device-level global reset. For the list of device-level global
resets, see Section 6.5, Reset.
31
20
19
16
RESERVED
ERR
R/W-0000 0000 0000
R/W-0000
15
1
0
RESERVED
BC
R/W- 0000 0000 0000 000
R/W-0
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-3. BOOTCMPLT Register— 0x01C4 000C
Table 3-8. BOOTCMPLT Register Description
Bit
Field Name
Description
31:20
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits.
Boot Error
0000 = No Error (default).
19:16
ERR
0001 - 1111 = bootloader software detected a boot error and aborted the boot. For the error codes, see the
Using the TMS320C642x DSP Bootloader Application Report (literature number SPRAAK5).
15:1
RESERVED Reserved. For proper device operation, the user should only write "0" to these bits.
Boot Complete Flag from Host
This field is only applicable to Host Boots.
0
BC
0 = Host has not completed booting this device (default).
1 = Host has completed booting this device. DSP can begin executing from the DSPBOOTADDR register
value.
3.4.2.3
DSPBOOTADDR Register
The DSP Boot Address (DSPBOOTADDR) register contains the starting address for the C64x+ CPU.
Whenever the C64x+ is released from reset, it begins executing from the location pointed to by
DSPBOOTADDR register. For Host boots (HPI Boot or PCI Boot), the DSPBOOTADDR register is also
used for communication between the Host and the bootloader code during boot.
The DSPBOOTADDR register is reset by any device-level global reset. For the list of device-level global
resets, see Section 6.5, Reset.
31
0
DSPBOOTADDR
R/W-0x0010 0000 or 0x4200 00000
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-4. DSPBOOTADDR Register— 0x01C4 0008
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
79
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com