Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 84 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 80Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 83Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 84Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 85Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 86Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 87Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 3-12. MSTPRI0 Register Description (continued)
Bit
Field Name
Description
C64X+_CFG master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
10:8
C64X+_CFGP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
7:0
RESERVED
Reserved. Read-only, writes have no effect.
31
27
26
25
24
23
22
21
20
19
18
17
16
RESERVED
PCIP
RSV
HPIP
RSV
VLYNQP
R-0000 0
R/W-100
R-0
R/W-100
R-0
R/W-100
15
3
2
1
0
RESERVED
EMACP
R- 0000 0000 0000 0
R/W-100
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-6. MSTPRI1 Register— 0x01C4 0040
Table 3-13. MSTPRI1 Register Description
Bit
Field Name
Description
31:27
RESERVED
Reserved. Read-only, writes have no effect.
PCI master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
26:24
PCIP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
23
RSV
Reserved. Read-only, writes have no effect.
HPI master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
22:20
HPIP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
19
RSV
Reserved. Read-only, writes have no effect.
VLYNQ master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
18:16
VLYNQP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
15:3
RESERVED
Reserved. Read-only, writes have no effect.
EMACP master port priority in System Infrastructure.
000 = Priority 0 (Highest)
100 = Priority 4
2:0
EMACP
001 = Priority 1
101 = Priority 5
010 = Priority 2
110 = Priority 6
011 = Priority 3
111 = Priority 7 (Lowest)
84
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com