Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 91 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 87Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 88Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 89Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 90Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 91Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 92Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 93Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 94Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-17. PINMUX0 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
EM_D[15]/GP[36]
EM_D[14]/GP[37]
EM_D[13]/GP[38]
EM_D[12]/GP[39]
EM_D[11]/GP[40]
EM_D[10]/GP[41]
EM_D[9]/GP[42]
EM_D[8]/GP[43]
EM_D[7]/GP[21]
EM_D[6]/GP[20]
EM_D[5]/GP[19]
EM_D[4]/GP[18]
EMIFA Pinout Modes
EM_D[3]/GP[17]
This field does not affect the actual EMIFA operation. It only determines what
EM_D[2]/GP[16]
multiplexed pins in the EMIFA Block serves as EMIFA pins. The pin mux control
EM_D[1]/GP[15]
for some of these pins are controlled by a combination of AEM and PCIEN fields:
EM_D[0]/GP[14]
000b = No EMIFA Mode
EM_R/WGP[35]
None of the multiplexed pins in the EMIFA Block serves as EMIFA pins. They
EM_A[21]/GP[34]
serve as GPIO or PCI pins based on PCIEN setting.
EM_A[20]/PINTA/GP[44]
EM_A[19]/PREQ/GP[45]
001b = Reserved.
EM_A[18]/PRST/GP[46]
EM_A[17]/AD31/GP[47]
010b = EMIFA (Async) Pinout Mode
EM_A[16]/PGNT/GP[48]
Pinout allows up to a maximum of these functions from EMIFA Block: 16-bit
EM_A[15]/AD29/GP[49]
2:0
AEM(1)
EMIFA (Async or NAND) + GPIO + EMAC(RMII). All of the pins listed under the
EM_A[14]/AD27/GP[50]
"Pins Controlled" column serve as EMIFA pins. PINMUX1.PCIEN must be set to
EM_A[13]/AD25/GP[51]
0. PINMUX0.RMII can be set to 0 or 1.
EM_A[12]/PCBE3/GP[89]
EM_A[11]/AD24/GP[90]
011b = Reserved.
EM_A[10]/AD23/GP[91]
100b = Reserved.
EM_A[9]/PIDSEL/GP[92]
EM_A[8]/AD21/GP[93]
101b = 8-bit EMIFA (NAND) Pinout Mode
EM_A[7]/AD22/GP[94]
Pinout allows up to a maximum of these functions from EMIFA Block: 8-bit EMIFA
EM_A[6]/AD20/GP[95]
(NAND) + GPIO + PCI + EMAC(RMII). PINMUX1.PCIEN can be set to 0 or 1.
EM_A[5]/AD19/GP[96]
PINMUX0.RMII can be set to 0 or 1.
EM_A[4]/GP[10]/(PLLMS2)
EM_A[3]/GP[11]
110b through 111b = Reserved.
EM_A[2]/(CLE)/GP[8]/(PLLMS0)
EM_A[1]/(ALE)/GP[9]/(PLLMS1)
EM_A[0]/GP[7]/(AEM2)
EM_CS2/GP[12]
EM_BA[0]/GP[6]/(AEM1)
EM_BA[1]/GP[5]/(AEM0)
The pin mux for these pins are controlled by a
combination of AEM and other fields, including
PCIEN. For the full set of valid configurations of
these pins, see Section 3.7.3.13.2, EMIFA
Block Pin-by-Pin Multiplexing Summary.
(1)
The AEM default value is latched at reset from AEM[2:0] configuration inputs. The latched values are also shown at BOOTCFG.DAEM
(read-only).
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
91
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com