Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 76 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 72Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 73Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 74Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 75Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 76Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 79Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
3.4.1.4.1 I2C Boot
If FASTBOOT = 0, then I2C Boot (BOOTMODE = 0101) is performed in Standard-Mode (up-to 100 kbps).
If FASTBOOT = 1, then I2C Boot is performed in Fast-Mode (up-to 400 kbps). The actual I2C data
transfer rate is dependent on the MXI/CLKIN frequency.
This is how the bootloader programs the I2C:
I2C Boot in Fast-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 1)
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 810, ICCKH.ICCH = 810
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
(CLKIN frequency in MHz) / 3
Resulting in the following I2C serial clock (SCL):
SCL frequency (in kHz) = (CLKIN frequency in MHz) / 78 * 1000
SCL low pulse duration (in
μs) = 39 / (CLKIN frequency in MHz)
SCL high pulse duration (in
μs) = 39 / (CLKIN frequency in MHz)
I2C Boot in Standard-Mode (BOOTMODE[3:0] = 0101b, FASTBOOT = 0)
I2C register settings: ICPSC.IPSC = 210, ICCLKL.ICCL = 4510, ICCKH.ICCH = 4510
Resulting in the following I2C prescaled module clock frequency (internal I2C clock):
(CLKIN frequency in MHz) / 3
Resulting in the following I2C serial clock (SCL):
SCL frequency (in kHz) = (CLKIN frequency in MHz) / 300 * 1000
SCL low pulse duration (in
μs) = 150 / (CLKIN frequency in MHz)
SCL high pulse duration (in
μs) = 150 / (CLKIN frequency in MHz)
Note: the I2C peripheral requires that the prescaled module clock frequency must be between 7 to 12
MHz. Therefore, the I2C boot is only available for MXI/CLKIN frequency between 21 MHz and 30 MHz.
For more details on the I2C peripheral configurations and clock requirements, see the TMS320C642x DSP
Inter-Integrated Circuit (I2C) Peripheral User’s Guide (literature number SPRUEN0).
3.4.1.4.2 UART Boot
For UART Boot (BOOTMODE[3:0] = 1000b or 1110b), the bootloader programs the UART0 peripheral as
follows:
UART0 divisor is set to 1510
Resulting in this UART0 baud rate in kilobit per second (kbps):
(CLKIN frequency in MHz) * 1000 / (15 * 16)
The user is responsible for ensuring the resulting baud rate is appropriate for the system. The UART0
divisor (/15) is optimized for CLKIN frequency between 27 to 29 MHz to stay within 5% of the 115200-bps
baud rate.
For more details on the UART peripheral configurations and clock generation, see the TMS320C642x
DSP Universal Asynchronous Receiver/Transmitter (UART) User's Guide (literature number SPRUEN6).
3.4.1.4.3 SPI Boot
Both 16-bit address SPI Boot (BOOTMODE = 0110) and 24-bit address SPI boot are performed through
the McBSP0 peripheral. The bootloader programs the McBSP0 peripheral as follows:
McBSP0 register settings: SRGR.CLKGDV = 210
Resulting in this SPI serial clock frequency:
(SYSCLK3 frequency in MHz) / 3
SYSCLK3 frequency = SYSCLK1 frequency / 6. SYSCLK1 frequency during boot can be found in
Table 3-4, Table 3-5, and/or Table 3-6 based on the boot mode selection.
76
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com