Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 81 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 77Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 78Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 79Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 80Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 81Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 82Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 83Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 84Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-10. Default Functions Affected by Device Boot and Configuration Pins
DEVICE BOOT AND
BOOT SELECTED
PIN MUX CONTROL
GLOBAL SETTING
PERIPHERAL SETTING
CONFIGURATION PINS
BOOTMODE[3:0]
Boot Mode
PINMUX0/PINMUX1
I/O Pin Power:
PSC/Peripherals:
Registers:
Based on
Based on
Based on
BOOTMODE[3:0], the
BOOTMODE[3:0], the
BOOTMODE[3:0], the
bootloader code programs bootloader code programs
bootloader code programs VDD3P3V_PWDN register the PSC to put
PINMUX0 and PINMUX1
to power up the I/O pins
boot-related peripheral(s)
registers to select the
required for boot.
in the Enable State, and
appropriate pin functions
programs the peripheral(s)
required for boot.
for boot operation.
FASTBOOT
Fastboot
Sets Device Frequency:
Based on BOOTMODE,
FASTBOOT, and PLLMS;
the bootloader code
programs PLLC1.
PLLMS[2:0]
If FASTBOOT = 1, the
Sets Device Frequency:
PLLMS[2:0] selects the
Based on BOOTMODE,
FASTBOOT PLL
FASTBOOT, and PLLMS;
Multiplier.
the bootloader code
programs PLLC1.
AEM[2:0]
PINMUX0.AEM:
PSC/EMIFA:
Sets the default of this
The EMIFA module state
field to control the EMIFA
defaults to SwRstDisable
Pinout Mode.
if AEM = 0; otherwise, the
EMIFA module state
Affects the pin muxing in
defaults to Enable.
EMIFA Sub-Block 0, 1,
and 3.
8_16
EMIFA Boot:
EMIFA:
8_16 determines the
Sets default of register
EMIFA CS2 Data Bus
field A1CR.ASIZE to
Width.
determine the default data
bus width for EMIFA CS2
space.
PCIEN(1)
Host Boot:
PINMUX1.PCIEN:
PSC/Peripheral
PCIEN selects the type of
sets this field to control
(Applicable to Host Boot
Host Boot
the PCI pin muxing in
only):
(HPI Boot or PCI Boot)
Host Block, PCI Data
Based on the Host Boot
Block, GPIO Block,
type (PCI or HPI), the
EMIFA Sub-Block 0 and
bootloader code programs
Sub-Block 3.
the PSC to put the
(1) (2)
corresponding peripheral
in the Enable State, and
programs the peripheral
for boot operation.
LENDIAN
Device endianess
(1)
Software can modify all PINMUX0 and PINMUX1 bit fields from their defaults, except for PINMUX1.PCIEN.
(2)
In addition to pin mux control, PCIEN also affects the internal pullup/down resistors of the PCI capable pins. When PCIEN = 0, internal
pullup/down resistors on the PCI capable pins are enabled. When PCIEN = 1, internal pullup/down resistors on the PCI capable pins are
disabled to be compliant to the PCI Local Bus Specification Revision 2.3.
For proper device operation, external pullup/pulldown resistors may be required on these device boot and
configuration pins. For discussion situations where external pullup/pulldown resistors are required, see
Section 3.9.1, Pullup/Pulldown Resistors.
Note: Except for PCIEN, all other C6424 configuration inputs (BOOTMODE[3:0], FASTBOOT,
PLLMS[2:0], AEM[2:0], 8_16, and LENDIAN) are multiplexed with other functional pins. These pins
function as device boot and configuration pins only during device reset. The user must take care of any
potential data contention in the system. To help avoid system data contention, the C6424 puts these
configuration pins into a high-impedance state (Hi-Z) when device reset (RESET or POR) is asserted, and
continues to hold them in a high-impedance state until the internal global reset is removed; at which point,
the default peripheral (either GPIO or EMIFA based on default of AEM[2:0]) will now control these pins.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
81
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com