Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 205 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 205 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 201Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 202Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 203Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 204Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 205Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 206Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 207Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 208Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 6-51. McASP0 Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01D0 10CC – 01D0 10FC
–
Reserved
01D0 1100
DITCSRA0
Left (even TDM slot) channel status register file
01D0 1104
DITCSRA1
Left (even TDM slot) channel status register file
01D0 1108
DITCSRA2
Left (even TDM slot) channel status register file
01D0 110C
DITCSRA3
Left (even TDM slot) channel status register file
01D0 1110
DITCSRA4
Left (even TDM slot) channel status register file
01D0 1114
DITCSRA5
Left (even TDM slot) channel status register file
01D0 1118
DITCSRB0
Right (odd TDM slot) channel status register file
01D0 111C
DITCSRB1
Right (odd TDM slot) channel status register file
01D0 1120
DITCSRB2
Right (odd TDM slot) channel status register file
01D0 1124
DITCSRB3
Right (odd TDM slot) channel status register file
01D0 1128
DITCSRB4
Right (odd TDM slot) channel status register file
01D0 112C
DITCSRB5
Right (odd TDM slot) channel status register file
01D0 1130
DITUDRA0
Left (even TDM slot) user data register file
01D0 1134
DITUDRA1
Left (even TDM slot) user data register file
01D0 1138
DITUDRA2
Left (even TDM slot) user data register file
01D0 113C
DITUDRA3
Left (even TDM slot) user data register file
01D0 1140
DITUDRA4
Left (even TDM slot) user data register file
01D0 1144
DITUDRA5
Left (even TDM slot) user data register file
01D0 1148
DITUDRB0
Right (odd TDM slot) user data register file
01D0 114C
DITUDRB1
Right (odd TDM slot) user data register file
01D0 1150
DITUDRB2
Right (odd TDM slot) user data register file
01D0 1154
DITUDRB3
Right (odd TDM slot) user data register file
01D0 1158
DITUDRB4
Right (odd TDM slot) user data register file
01D0 115C
DITUDRB5
Right (odd TDM slot) user data register file
01D0 1160 – 01D0 117C
–
Reserved
01D0 1180
SRCTL0
Serializer 0 control register
01D0 1184
SRCTL1
Serializer 1 control register
01D0 1188
SRCTL2
Serializer 2 control register
01D0 118C
SRCTL3
Serializer 3 control register
01D0 1190 – 01D0 11FC
–
Reserved
01D0 1200
XBUF0
Transmit Buffer for Serializer 0
01D0 1204
XBUF1
Transmit Buffer for Serializer 1
01D0 1208
XBUF2
Transmit Buffer for Serializer 2
01D0 120C
XBUF3
Transmit Buffer for Serializer 3
01D0 1210 – 01D0 127C
–
Reserved
01D0 1280
RBUF0
Receive Buffer for Serializer 0
01D0 1284
RBUF1
Receive Buffer for Serializer 1
01D0 1288
RBUF2
Receive Buffer for Serializer 2
01D0 128C
RBUF3
Receive Buffer for Serializer 3
01D0 1290 – 01D0 13FF
–
Reserved
Table 6-52. McASP0 Data Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
(Used when RBUSEL or
McASP0 receive buffers or McASP0 transmit buffers via
XBUSEL bits = 0 [these bits are
01D0 1400 – 01D0 17FF
RBUF /XBUF
the Peripheral Data Bus.
located in the RFMT or XFMT
registers, respectively].)
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
205
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com