Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 211 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 211 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 207Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 208Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 209Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 210Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 211Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 212Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 213Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 214Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Using the RMII Mode of the EMAC
The EMAC contains logic that allows it to communicate using the Reduced Media Independent Interface
(RMII) protocol. This logic must be taken out of reset before being used. To use the RMII mode of the
EMAC follow these guidelines:
•
Supply a 50 MHz reference clock to the RMREFCLK input pin.
•
The PINMUX1 register RMII bit field must be programmed to "1" to select the RMII pins and the RMII
mode of operation.
•
MACCONTROL.RMIISPEED must be programmed to the desired operating speed for the RMII
interface.
•
MACCONTROL.FULLDUPLEX must be programmed to "1", selecting full duplex mode for RMII.
6.15.2
EMAC Peripheral Register Description(s)
Table 6-55. Ethernet MAC (EMAC) Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C8 0000
TXIDVER
Transmit Identification and Version Register
01C8 0004
TXCONTROL
Transmit Control Register
01C8 0008
TXTEARDOWN
Transmit Teardown Register
01C8 0010
RXIDVER
Receive Identification and Version Register
01C8 0014
RXCONTROL
Receive Control Register
01C8 0018
RXTEARDOWN
Receive Teardown Register
01C8 0080
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
01C8 0084
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
01C8 0088
TXINTMASKSET
Transmit Interrupt Mask Set Register
01C8 008C
TXINTMASKCLEAR
Transmit Interrupt Mask Clear Register
01C8 0090
MACINVECTOR
MAC Input Vector Register
01C8 00A0
RXINTSTATRAW
Receive Interrupt Status (Unmasked) Register
01C8 00A4
RXINTSTATMASKED
Receive Interrupt Status (Masked) Register
01C8 00A8
RXINTMASKSET
Receive Interrupt Mask Set Register
01C8 00AC
RXINTMASKCLEAR
Receive Interrupt Mask Clear Register
01C8 00B0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
01C8 00B4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
01C8 00B8
MACINTMASKSET
MAC Interrupt Mask Set Register
01C8 00BC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
01C8 0100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
01C8 0104
RXUNICASTSET
Receive Unicast Enable Set Register
01C8 0108
RXUNICASTCLEAR
Receive Unicast Clear Register
01C8 010C
RXMAXLEN
Receive Maximum Length Register
01C8 0110
RXBUFFEROFFSET
Receive Buffer Offset Register
01C8 0114
RXFILTERLOWTHRESH
Receive Filter Low Priority Frame Threshold Register
01C8 0120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
01C8 0124
RX1FLOWTHRESH
Receive Channel 1 Flow Control Threshold Register
01C8 0128
RX2FLOWTHRESH
Receive Channel 2 Flow Control Threshold Register
01C8 012C
RX3FLOWTHRESH
Receive Channel 3 Flow Control Threshold Register
01C8 0130
RX4FLOWTHRESH
Receive Channel 4 Flow Control Threshold Register
01C8 0134
RX5FLOWTHRESH
Receive Channel 5 Flow Control Threshold Register
01C8 0138
RX6FLOWTHRESH
Receive Channel 6 Flow Control Threshold Register
01C8 013C
RX7FLOWTHRESH
Receive Channel 7 Flow Control Threshold Register
01C8 0140
RX0FREEBUFFER
Receive Channel 0 Free Buffer Count Register
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
211
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com