Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 223 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 219Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 220Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 221Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 222Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 223Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 224Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 225Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 226Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
6.18 Peripheral Component Interconnect (PCI)
The C6424 DSP supports connections to PCI-compliant devices via the integrated PCI master/slave bus
interface. The PCI port interfaces to DSP internal resources via the data switched central resource. The
data switched central resource is described in more detail in Section 4, System Interconnect.
For more detailed information on the PCI port peripheral module, see the TMS320C642x DSP Peripheral
Component Interconnect (PCI) User's Guide (literature number SPRUEN3).
6.18.1 PCI Device-Specific Information
The PCI peripheral on the C6424 DSP conforms to the PCI Local Bus Specification Revision 2.3. The PCI
peripheral can act both as a PCI bus master and as a target. It supports PCI bus operation of speeds up
to 33 MHz and uses a 32-bit data/address bus.
On the C6424 device, the pins of the PCI peripheral are multiplexed with the pins of the EMIFA, GPIO,
HPI, VLYNQ, and EMAC peripherals. For more detailed information on how to select PCI, see Section 3,
Device Configurations.
The C6424 device provides an initialization mechanism through which the default values for some of the
PCI configuration registers can be read from an I2C EEPROM. Table 6-74 shows the registers which can
be initialized through the PCI auto-initialization. The default value of these registers when PCI
auto-initialization is not used is shown in Table 6-74. PCI auto-initialization is enabled by selecting PCI
boot with auto-initialization. For information on how to select PCI boot with auto-initialization, see
Section 3.4.1, Boot Modes. For more information on PCI auto-initialization, see the TMS320C642x DSP
Peripheral Component Interconnect (PCI) User's Guide (literature number SPRUEN3) and the Using the
TMS320C42x Bootloader Application Report (literature number SPRAAK5).
The PCI peripheral is a master peripheral within the C6424 DSP.
Table 6-74. Default Values for PCI Configuration Registers
REGISTER
DEFAULT VALUE (HEX)
Vendor ID
104C
Device ID
B001
Class Code
11 8000
Revision ID
01
System Vendor ID
0000
Subsystem ID
0000
Max Latency
00
Min Grant
00
Interrupt Pin
00
Interrupt Line
00
Copyright © 2007–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
223
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com