Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664FIBZWT Datasheet(PDF) 245 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664FIBZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664FIBZWT Datasheet(HTML) 245 Page - Texas Instruments

Back Button TNETV2664FIBZWT Datasheet HTML 241Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 242Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 243Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 244Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 245Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 246Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 247Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 248Page - Texas Instruments TNETV2664FIBZWT Datasheet HTML 249Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 245 / 249 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 4
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TNETV2666FIDZWT
ACTIVE
NFBGA
ZWT
361
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
0 to 90
L2
C6424ZWT
TMS320
TNETV2666INZWT
ACTIVE
NFBGA
ZWT
361
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
0 to 90
L2
C6424ZWT
TMS320
TNETV2667FIBZWT
ACTIVE
NFBGA
ZWT
361
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
0 to 90
L2
C6424ZWT
TMS320
7
TNETV2667FIDZWT
ACTIVE
NFBGA
ZWT
361
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
0 to 90
L2
C6424ZWT
TMS320
7
TNETV2667ZWT
ACTIVE
NFBGA
ZWT
361
90
Pb-Free
(RoHS)
SNAGCU
Level-3-260C-168 HR
0 to 90
L2
C6424ZWT
TMS320
7
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com