Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 4Page - STMicroelectronics LQFP176 Datasheet HTML 5Page - STMicroelectronics LQFP176 Datasheet HTML 6Page - STMicroelectronics LQFP176 Datasheet HTML 7Page - STMicroelectronics LQFP176 Datasheet HTML 8Page - STMicroelectronics LQFP176 Datasheet HTML 9Page - STMicroelectronics LQFP176 Datasheet HTML 10Page - STMicroelectronics LQFP176 Datasheet HTML 11Page - STMicroelectronics LQFP176 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 133 page
background image
Introduction
SPC560B54x/6x
8/133
DocID15131 Rev 9
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the device.
1.2
Description
This family of 32-bit system-on-chip (SoC) microcontrollers is the latest achievement in
integrated automotive application controllers. It belongs to an expanding family of
automotive-focused products designed to address the next wave of body electronics
applications within the vehicle.
The advanced and cost-efficient e200z0h host processor core of this automotive controller
family complies with the Power Architecture technology and only implements the VLE
(variable-length encoding) APU (Auxiliary Processor Unit), providing improved code density.
It operates at speeds of up to 64 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current
Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users implementations.
Table 2. SPC560B54/6x family comparison(1)
Feature
SPC560B54
SPC560B60
SPC560B64
CPU
e200z0h
Execution speed(2)
Up to 64 MHz
Code flash memory
768 KB
1 MB
1.5 MB
Data flash memory
64 (4
16) KB
SRAM
64 KB
80 KB
96 KB
MPU
8-entry
eDMA
16 ch
10-bit ADC
Yes
dedicated(3)
7 ch
15 ch
7 ch
15 ch
29 ch
7 ch
15 ch
29 ch
29 ch
shared with 12-bit ADC
19 ch
12-bit ADC
Yes
dedicated(4)
5 ch
shared with 10-bit ADC
19 ch
Total timer I/O(5) eMIOS
37 ch,
16-bit
64 ch,
16-bit
37 ch,
16-bit
64 ch,
16-bit
64 ch,
16-bit
37 ch,
16-bit
64 ch,1
6-bit
64 ch,
16-bit
64 ch,
16-bit
Counter / OPWM / ICOC(6)
10 ch
O(I)PWM / OPWFMB /
OPWMCB / ICOC(7)
7 ch
O(I)PWM / ICOC(8)
7 ch
14 ch
7 ch
14 ch
14 ch
7 ch
14 ch
14 ch
14 ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com