Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 90 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 86Page - STMicroelectronics LQFP176 Datasheet HTML 87Page - STMicroelectronics LQFP176 Datasheet HTML 88Page - STMicroelectronics LQFP176 Datasheet HTML 89Page - STMicroelectronics LQFP176 Datasheet HTML 90Page - STMicroelectronics LQFP176 Datasheet HTML 91Page - STMicroelectronics LQFP176 Datasheet HTML 92Page - STMicroelectronics LQFP176 Datasheet HTML 93Page - STMicroelectronics LQFP176 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
90/133
DocID15131 Rev 9
Figure 12. Fast external crystal oscillator (4 to 16 MHz) timing diagram
VMXOSCOP
TMXOSCSU
VXTAL
VMXOSC
valid internal clock
90%
10%
1/fMXOSC
S_MTRANS bit (ME_GS register)
1
0
Table 38. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fFXOSC
S
R
Fast external crystal
oscillator frequency
4.0
16.0
MHz
gmFXOSC
C
C
C
Fast external crystal
oscillator
transconductance
VDD = 3.3 V ± 10%,
PAD3V5V = 1
OSCILLATOR_MARGIN =
0
2.2
8.2
mA/
V
C
C
P
VDD = 5.0 V ± 10%,
PAD3V5V = 0
OSCILLATOR_MARGIN =
0
2.0
7.4
C
C
C
VDD = 3.3 V ± 10%,
PAD3V5V = 1
OSCILLATOR_MARGIN =
1
2.7
9.7
C
C
C
VDD = 5.0 V ± 10%,
PAD3V5V = 0
OSCILLATOR_MARGIN =
1
2.5
9.2
VFXOSC
C
C
T
Oscillation amplitude at
EXTAL
fOSC = 4 MHz,
OSCILLATOR_MARGIN =
0
1.3
V
fOSC = 16 MHz,
OSCILLATOR_MARGIN =
1
1.3
VFXOSCOP
C
C
C
Oscillation operating
point
0.95
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com