Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 13Page - STMicroelectronics LQFP176 Datasheet HTML 14Page - STMicroelectronics LQFP176 Datasheet HTML 15Page - STMicroelectronics LQFP176 Datasheet HTML 16Page - STMicroelectronics LQFP176 Datasheet HTML 17Page - STMicroelectronics LQFP176 Datasheet HTML 18Page - STMicroelectronics LQFP176 Datasheet HTML 19Page - STMicroelectronics LQFP176 Datasheet HTML 20Page - STMicroelectronics LQFP176 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 133 page
background image
DocID15131 Rev 9
17/133
SPC560B54x/6x
Package pinouts and signal descriptions
132
3.3
Pad configuration during standby mode exit
Pad configuration (input buffer enable, pull enable) for low-power wakeup pads is controlled
by both the SIUL and WKPU modules. During standby exit, all low power pads
PA[0,1,2,4,15], PB[1,3,8,9,10](a), PC[7,9,11], PD[0,1], PE[0,9,11], PF[9,11,13](b),
PG[3,5,7,9](b), PI[1,3](c) are configured according to their respective configuration done in
the WKPU module. All other pads will have the same configuration as expected after a
reset.
The TDO pad has been moved into the STANDBY domain in order to allow low-power
debug handshaking in STANDBY mode. However, no pull-resistor is active on the TDO pad
while in STANDBY mode. At this time the pad is configured as an input. When no debugger
is connected the TDO pad is floating causing additional current consumption.
To avoid the extra consumption TDO must be connected. An external pull-up resistor in the
range of 47–100 kOhms should be added between the TDO pin and VDD. Only if the TDO
pin is used as an application pin and a pull-up cannot be used should a pull-down resistor
with the same value be used instead between the TDO pin and GND.
3.4
Voltage supply pins
Voltage supply pins are used to provide power to the device. Three dedicated
VDD_LV/VSS_LV supply pairs are used for 1.2 V regulator stabilization.
a.
PB[8, 9] ports have wakeup functionality in all modes except STANDBY.
b.
PF[9,11,13], PG[3,5,7,9], PI[1,3] are not available in the 100-pin LQFP.
c.
PI[1,3] are not available in the 144-pin LQFP.
Table 4. Voltage supply pin descriptions
Port pin
Function
Pin number
LQFP100
LQFP144
LQFP176
LBGA208
VDD_HV
Digital supply voltage
15, 37, 70, 84
19, 51, 100,
123
6, 27, 59, 85,
124, 151
C2, D9, E16,
G13, H3, N4,
N9, R5
VSS_HV
Digital ground
14, 16, 35,
69, 83
18, 20, 49,
99, 122
7, 26, 28, 57,
86, 123, 150
G7, G8, G9,
G10, H7, H8,
H9, H10, J7,
J8, J9, J10,
K7, K8, K9,
K10
VDD_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the
nearest VSS_LV pin.
(1)
19, 32, 85
23, 46, 124
31, 54, 152
D8, K4, P7
VSS_LV
1.2 V decoupling pins. Decoupling
capacitor must be connected
between these pins and the
nearest VDD_LV pin.
(1)
18, 33, 86
22, 47, 125
30, 55, 153
C8, J2, N7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com