Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 93 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 89Page - STMicroelectronics LQFP176 Datasheet HTML 90Page - STMicroelectronics LQFP176 Datasheet HTML 91Page - STMicroelectronics LQFP176 Datasheet HTML 92Page - STMicroelectronics LQFP176 Datasheet HTML 93Page - STMicroelectronics LQFP176 Datasheet HTML 94Page - STMicroelectronics LQFP176 Datasheet HTML 95Page - STMicroelectronics LQFP176 Datasheet HTML 96Page - STMicroelectronics LQFP176 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 133 page
background image
DocID15131 Rev 9
93/133
SPC560B54x/6x
Electrical characteristics
132
Figure 15. Slow external crystal oscillator (32 kHz) timing diagram
4.14
FMPLL electrical characteristics
The device provides a frequency modulated phase locked loop (FMPLL) module to
generate a fast system clock from the main oscillator driver.
OSCON bit (OSC_CTL register)
TLPXOSC32KSU
1
VOSC32K_XTAL
VLPXOSC32K
valid internal clock
90%
10%
1/fLPXOSC32K
0
Table 40. Slow external crystal oscillator (32 kHz) electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fSXOSC
S
R
—
Slow external crystal oscillator
frequency
—32
32.76
8
40
kHz
VSXOSC
C
C
T Oscillation amplitude
—
—
2.1
—
V
ISXOSCBIAS
C
C
T Oscillation bias current
—
2.5
µA
ISXOSC
C
C
T
Slow external crystal oscillator
consumption
——
—
8
µA
tSXOSCSU
C
C
T
Slow external crystal oscillator
start-up time
——
—
2(2)
s
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified. Values are specified for no neighbor
GPIO pin activity. If oscillator is enabled (OSC32K_XTAL and OSC32K_EXTAL pins), neighboring pins should not toggle.
2.
Start-up time has been measured with EPSON TOYOCOM MC306 crystal. Variation may be seen with other crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com