Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 83 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 79Page - STMicroelectronics LQFP176 Datasheet HTML 80Page - STMicroelectronics LQFP176 Datasheet HTML 81Page - STMicroelectronics LQFP176 Datasheet HTML 82Page - STMicroelectronics LQFP176 Datasheet HTML 83Page - STMicroelectronics LQFP176 Datasheet HTML 84Page - STMicroelectronics LQFP176 Datasheet HTML 85Page - STMicroelectronics LQFP176 Datasheet HTML 86Page - STMicroelectronics LQFP176 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 133 page
background image
DocID15131 Rev 9
83/133
SPC560B54x/6x
Electrical characteristics
132
Table 28. Power consumption on VDD_BV and VDD_HV
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
IDDMAX
(2) CC D
RUN mode maximum average
current
——
115 140(3) mA
IDDRUN
(4) CC
T
RUN mode typical average
current(5)
fCPU = 8 MHz
12
mA
TfCPU = 16 MHz
27
TfCPU = 32 MHz
43
PfCPU = 48 MHz
56
100
PfCPU = 64 MHz
70
125
IDDHALT CC
C
HALT mode current(6)
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
10
18
mA
PTA = 125 °C
17
28
IDDSTOP CC
P
STOP mode current(7)
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
350 900(8)
µA
DTA = 55 °C
750
DTA = 85 °C
2
7
mA
DTA = 105 °C
4
10
PTA = 125 °C
7
14
IDDSTDBY2 CC
P
STANDBY2 mode current(9)
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
30
100
µA
DTA = 55 °C
75
DTA = 85 °C
180
700
DTA = 105 °C
315
1000
PTA = 125 °C
560
1700
IDDSTDBY1 CC
T
STANDBY1 mode current(10)
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
20
60
µA
DTA = 55 °C
45
DTA = 85 °C
100
350
DTA = 105 °C
165
500
DTA = 125 °C
280
900
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
2.
IDDMAX is drawn only from the VDD_BV pin. Running consumption does not include I/Os toggling which is highly
dependent on the application. The given value is thought to be a worst case value with all peripherals running, and code
fetched from code flash while modify operation ongoing on data flash. Notice that this value can be significantly reduced by
application: switch off not used peripherals (default), reduce peripheral frequency through internal prescaler, fetch from
RAM most used functions, use low power mode when possible.
3.
Higher current may be sunk by device during power-up and standby exit. Please refer to in-rush average current in
Table 26.
4.
IDDRUN is drawn only from the VDD_BV pin. RUN current measured with typical application with accesses on both Flash
and RAM.
5.
Only for the “P” classification: Data and Code Flash in Normal Power. Code fetched from RAM: Serial IPs CAN and LIN in
loop back mode, DSPI as Master, PLL as system clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at
max frequency, periodic SW/WDG timer reset enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com