Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 80 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 76Page - STMicroelectronics LQFP176 Datasheet HTML 77Page - STMicroelectronics LQFP176 Datasheet HTML 78Page - STMicroelectronics LQFP176 Datasheet HTML 79Page - STMicroelectronics LQFP176 Datasheet HTML 80Page - STMicroelectronics LQFP176 Datasheet HTML 81Page - STMicroelectronics LQFP176 Datasheet HTML 82Page - STMicroelectronics LQFP176 Datasheet HTML 83Page - STMicroelectronics LQFP176 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 133 page
background image
Electrical characteristics
SPC560B54x/6x
80/133
DocID15131 Rev 9
The internal voltage regulator requires external capacitance (CREGn) to be connected to the
device in order to provide a stable low voltage digital supply to the device. Capacitances
should be placed on the board as near as possible to the associated pins. Care should also
be taken to limit the serial inductance of the board to less than 5 nH.
Each decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply
pairs to ensure stable voltage (see Section 4.4: Recommended operating conditions).
Table 26. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
CREGn
SR —
Internal voltage regulator external
capacitance
200
500
nF
RREG
SR —
Stability capacitor equivalent serial
resistance
Range:
10 kHz to 20 MHz
——
0.2
W
CDEC1
SR — Decoupling capacitance(2) ballast
VDD_BV/VSS_LV pair:
VDD_BV = 4.5 V to 5.5 V
100(3)
470(4)
nF
VDD_BV/VSS_LV pair:
VDD_BV = 3 V to 3.6 V
400
CDEC2
SR —
Decoupling capacitance regulator
supply
VDD/VSS pair
10
100
nF
VMREG
CC
T
Main regulator output voltage
Before exiting from reset
1.32
V
P
After trimming
1.16
1.28
IMREG
SR —
Main regulator current provided to
VDD_LV domain
——
150
mA
IMREGINT
CC D
Main regulator module current
consumption
IMREG = 200 mA
2
mA
IMREG = 0 mA
1
VLPREG
CC P Low-power regulator output voltage
After trimming
1.16
1.28
V
ILPREG
SR —
Low-power regulator current
provided to VDD_LV domain
——
15
mA
ILPREGINT
CC
D
Low-power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
µA
ILPREG = 0 mA;
TA = 55 °C
5—
VULPREG
CC P
Ultra low power regulator output
voltage
After trimming
1.16
1.28
V
IULPREG
SR —
Ultra low power regulator current
provided to VDD_LV domain
——
5
mA
IULPREGINT CC D
Ultra low power regulator module
current consumption
IULPREG = 5 mA;
TA = 55 °C
——
100
µA
IULPREG = 0 mA;
TA = 55 °C
2—
IDD_BV
CC D
In-rush average current on VDD_BV
during power-up(5)
——
300(6)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com