Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP176 Datasheet(PDF) 126 Page - STMicroelectronics

Part # LQFP176
Description  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP176 Datasheet(HTML) 126 Page - STMicroelectronics

Back Button LQFP176 Datasheet HTML 122Page - STMicroelectronics LQFP176 Datasheet HTML 123Page - STMicroelectronics LQFP176 Datasheet HTML 124Page - STMicroelectronics LQFP176 Datasheet HTML 125Page - STMicroelectronics LQFP176 Datasheet HTML 126Page - STMicroelectronics LQFP176 Datasheet HTML 127Page - STMicroelectronics LQFP176 Datasheet HTML 128Page - STMicroelectronics LQFP176 Datasheet HTML 129Page - STMicroelectronics LQFP176 Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 133 page
background image
Ordering information
SPC560B54x/6x
126/133
DocID15131 Rev 9
6
Ordering information
Figure 37. Commercial product code structure
1.
LBGA208 is available only as development package for Nexus2+.
Memory
Packing
Core Family
Y = Tray
X = Tape and Reel 90°
4E0 = 48 MHz EEPROM 5V/3V
6E0 = 64 MHz EEPROM 5V/3V
B =
40 to 105°C
C =
40 to 125°C
L3 = LQFP100
L5 = LQFP144
L7 = LQFP176
B2 = LBGA2081
64 = 1536 KB
60 = 1024 KB
54 = 768 KB
B = Body
0 = e200z0h
SPC56 = Power Architecture in
90nm
Temperature
Package
Custom vers.
SPC56
64
Y
0B
C
L3
6E0
Example code:
Product identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com