Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 154Page - STMicroelectronics ST72344S4 Datasheet HTML 155Page - STMicroelectronics ST72344S4 Datasheet HTML 156Page - STMicroelectronics ST72344S4 Datasheet HTML 157Page - STMicroelectronics ST72344S4 Datasheet HTML 158Page - STMicroelectronics ST72344S4 Datasheet HTML 159Page - STMicroelectronics ST72344S4 Datasheet HTML 160Page - STMicroelectronics ST72344S4 Datasheet HTML 161Page - STMicroelectronics ST72344S4 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
158/247
Doc ID 12321 Rev 6
EV6: EVF=1, cleared by reading SR1 register followed by writing CR register (for example
PE=1).
EV7: EVF=1, BTF=1, cleared by reading SR1 register followed by reading DR register.
EV8: EVF=1, BTF=1, cleared by reading SR1 register followed by writing DR register.
EV9: EVF=1, ADD10=1, cleared by reading SR1 register followed by writing DR register.
11.6.5
Low-power modes
11.6.6
Interrupts
Figure 70.
Event flags and interrupt generation
Table 64.
Mode description
Mode
Description
Wait
No effect on I2C interface.
I2C interrupts cause the device to exit from Wait mode.
Halt
I2C registers are frozen.
In HALT mode, the I2C interface is inactive and does not acknowledge data on the bus.
The I2C interface resumes operation when the MCU is woken up by an interrupt with “exit
from HALT mode” capability.
Table 65.
Interrupt events (1)
Interrupt event
Event flag
Enable
control bit
Exit from
Wait
Exit from
Halt
10-bit address sent event (Master mode)
ADD10
ITE
Yes
No
End of byte transfer event
BTF
Yes
No
Address matched event (Slave mode)
ADSL
Yes
No
Start bit generation event (Master mode)
SB
Yes
No
Acknowledge failure event
AF
Yes
No
Stop detection event (Slave mode)
STOPF
Yes
No
Arbitration lost event (Multimaster configuration)
ARLO
Yes
No
Bus error event
BERR
Yes
No
BTF
ADSL
SB
AF
STOPF
ARLO
BERR
EVF
Interrupt
ITE
*
* EVF can also be set by EV6 or an error from the SR2 register.
ADD10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com