Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 156Page - STMicroelectronics ST72344S4 Datasheet HTML 157Page - STMicroelectronics ST72344S4 Datasheet HTML 158Page - STMicroelectronics ST72344S4 Datasheet HTML 159Page - STMicroelectronics ST72344S4 Datasheet HTML 160Page - STMicroelectronics ST72344S4 Datasheet HTML 161Page - STMicroelectronics ST72344S4 Datasheet HTML 162Page - STMicroelectronics ST72344S4 Datasheet HTML 163Page - STMicroelectronics ST72344S4 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
160/247
Doc ID 12321 Rev 6
Bit 2 = ACK Acknowledge enable.
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0).
0: No acknowledge returned
1: Acknowledge returned after an address byte or a data byte is received
Bit 1 = STOP Generation of a Stop condition.
This bit is set and cleared by software. It is also cleared by hardware in master mode.
Note:
This bit is not cleared when the interface is disabled (PE=0).
●
In master mode:
0: No stop generation
1: Stop generation after the current byte transfer or after the current Start condition is
sent. The STOP bit is cleared by hardware when the Stop condition is sent.
●
In slave mode:
0: No stop generation
1: Release the SCL and SDA lines after the current byte transfer (BTF=1). In this mode
the STOP bit has to be cleared by software.
Bit 0 = ITE Interrupt enable.
This bit is set and cleared by software and cleared by hardware when the interface is
disabled (PE=0).
0: Interrupts disabled
1: Interrupts enabled
Refer to Figure 70 for the relationship between the events and the interrupt.
SCL is held low when the ADD10, SB, BTF or ADSL flags or an EV6 event (See
Figure 69) is detected.
I2C status register 1 (SR1)
Reset value: 0000 0000 (00h)
7
0
EVF
ADD10
TRA
BUSY
BTF
ADSL
M/SL
SB
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com