Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 155Page - STMicroelectronics ST72344S4 Datasheet HTML 156Page - STMicroelectronics ST72344S4 Datasheet HTML 157Page - STMicroelectronics ST72344S4 Datasheet HTML 158Page - STMicroelectronics ST72344S4 Datasheet HTML 159Page - STMicroelectronics ST72344S4 Datasheet HTML 160Page - STMicroelectronics ST72344S4 Datasheet HTML 161Page - STMicroelectronics ST72344S4 Datasheet HTML 162Page - STMicroelectronics ST72344S4 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
159/247
11.6.7
Register description
I2C control register (CR)
Reset value: 0000 0000 (00h)
Bits 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = PE Peripheral enable.
This bit is set and cleared by software.
0: Peripheral disabled
1: Master/Slave capability
Note:
When PE=0, all the bits of the CR register and the SR register except the Stop bit are reset.
All outputs are released while PE=0
When PE=1, the corresponding I/O pins are selected by hardware as alternate functions.
To enable the I2C interface, write the CR register TWICE with PE=1 as the first write only
activates the interface (only PE is set).
Bit 4 = ENGC Enable General Call.
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0). The 00h General Call address is acknowledged (01h ignored).
0: General Call disabled
1: General Call enabled
Note:
In accordance with the I2C standard, when GCAL addressing is enabled, an I2C slave can
only receive data. It will not transmit data to the master.
Bit 3 = START Generation of a Start condition.
This bit is set and cleared by software. It is also cleared by hardware when the interface
is disabled (PE=0) or when the Start condition is sent (with interrupt generation if
ITE=1).
●
In master mode:
0: No start generation
1: Repeated start generation
●
In slave mode:
0: No start generation
1: Start generation when the bus is free
1.
The I2C interrupt events are connected to the same interrupt vector (see Section 8: Interrupts). They
generate an interrupt if the corresponding Enable Control Bit is set and the I-bit in the CC register is reset
(RIM instruction).
7
0
0
0
PE
ENGC
START
ACK
STOP
ITE
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com