Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 210 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 206Page - STMicroelectronics ST72344S4 Datasheet HTML 207Page - STMicroelectronics ST72344S4 Datasheet HTML 208Page - STMicroelectronics ST72344S4 Datasheet HTML 209Page - STMicroelectronics ST72344S4 Datasheet HTML 210Page - STMicroelectronics ST72344S4 Datasheet HTML 211Page - STMicroelectronics ST72344S4 Datasheet HTML 212Page - STMicroelectronics ST72344S4 Datasheet HTML 213Page - STMicroelectronics ST72344S4 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
210/247
Doc ID 12321 Rev 6
13.6.1
Crystal and ceramic resonator oscillators
The ST7 internal clock can be supplied with four different Crystal/Ceramic resonator
oscillators. All the information given in this paragraph is based on characterization results
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and startup stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy, etc.).
Table 97.
Auto-wakeup from Halt oscillator (AWU) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fAWU
AWU oscillator frequency
50
125
250
kHz
tRCSRT
AWU oscillator startup time
50
µs
Table 98.
Crystal/ceramic resonator oscillator characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fOSC
Oscillator frequency (1)
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with
small RS value. Refer to crystal/ceramic resonator manufacturer for more details.
116
MHz
RF
Feedback resistor (2)
2.
Data based on characterisation results, not tested in production. The relatively low value of the RF
resistor, offers a good protection against issues resulting from use in a humid environment, due to the
induced leakage and the bias condition change. However, it is recommended to take this point into
account if the µC is used in tough humidity conditions.
20
40
k
Ω
CL1
CL2
Recommended load capacitance versus
equivalent serial resistance of the
crystal or ceramic resonator (RS)
(3)
3.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5-pF to 25-pF range (typ.)
designed for high-frequency applications and selected to match the requirements of the crystal or
resonator. CL1 and CL2, are usually the same size. The crystal manufacturer typically specifies a load
capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be
included when sizing CL1 and CL2 (10 pF can be used as a rough estimate of the combined pin and board
capacitance).
See Table 99 below
pF
i2
OSC2 driving current
fOSC= 2 MHz, C0 = 6 pF,
CL1 = CL2 = 68 pF
426
µA
fOSC= 4 MHz, C0 = 6 pF,
CL1 = CL2 = 68 pF
425
fOSC= 8 MHz, C0 = 6 pF,
CL1 = CL2 = 40 pF
456
fOSC= 16 MHz, C0 = 7 pF,
CL1 = CL2 = 20 pF
660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com