Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 212 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 208Page - STMicroelectronics ST72344S4 Datasheet HTML 209Page - STMicroelectronics ST72344S4 Datasheet HTML 210Page - STMicroelectronics ST72344S4 Datasheet HTML 211Page - STMicroelectronics ST72344S4 Datasheet HTML 212Page - STMicroelectronics ST72344S4 Datasheet HTML 213Page - STMicroelectronics ST72344S4 Datasheet HTML 214Page - STMicroelectronics ST72344S4 Datasheet HTML 215Page - STMicroelectronics ST72344S4 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
212/247
Doc ID 12321 Rev 6
13.7
Memory characteristics
TA = –40°C to 85°C, unless otherwise specified.
Table 100.
RAM and hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode (1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under reset) or in
hardware registers (only in Halt mode). Guaranteed by construction, not tested in production.
Halt mode (or reset)
1.6
V
Table 101.
Flash program memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for
Flash write/erase
Refer to operating range of
VDD with TA, Table 87
2.7
5.5
V
tprog
Programming time for
1~32 bytes (1)
1.
Up to 32 bytes can be programmed at a time.
TA=−40 to +85°C
5
10
ms
tRET
Data retention (2)
2.
Data based on reliability test results and monitored in production.
TA=+55°C
(3)
3.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25°C
10,000
(4)
4.
Design target value pending full product characterization.
cycles
IDD
Supply current (5)
5.
Guaranteed by Design. Not tested in production.
Read / Write / Erase modes
fCPU = 8 MHz, VDD = 5.5V
2.6
mA
No Read/No Write Mode
100
µA
Power down mode / Halt
0
0.1
µA
Table 102.
EEPROM data memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for
EEPROM write/erase
Refer to operating range of
VDD with TA, Table 87:
General operating conditions
2.7
5.5
V
tprog
Programming time for
1~32 bytes
TA=−40 to +85°C
5
10
ms
tret
Data retention(1)
1.
Data based on reliability test results and monitored in production.
TA=+55°C
(2)
2.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25°C
300,000
(3)
3.
Design target value pending full product characterization.
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com