Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S4 Datasheet(PDF) 211 Page - STMicroelectronics

Part # ST72344S4
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S4 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button ST72344S4 Datasheet HTML 207Page - STMicroelectronics ST72344S4 Datasheet HTML 208Page - STMicroelectronics ST72344S4 Datasheet HTML 209Page - STMicroelectronics ST72344S4 Datasheet HTML 210Page - STMicroelectronics ST72344S4 Datasheet HTML 211Page - STMicroelectronics ST72344S4 Datasheet HTML 212Page - STMicroelectronics ST72344S4 Datasheet HTML 213Page - STMicroelectronics ST72344S4 Datasheet HTML 214Page - STMicroelectronics ST72344S4 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 247 page
background image
ST72344xx, ST2345xx
Electrical characteristics
Doc ID 12321 Rev 6
211/247
Figure 97.
Typical application with a crystal or ceramic resonator
Table 99.
Recommended load capacitance vs. equivalent serial resistance of ceramic
resonator
Supplier
fOSC
[MHz]
Typical ceramic resonators (1)
CL1 (2)
[pF]
CL2 (2)
[pF]
RF
[
Ω]
Rd
[
Ω]
Supply
voltage
range (V)
Temperature
range (°C)
Type(3)
Reference
Murata
2
SMD
CSTCC2M00G56Z-R0
(47)
(47)
Open
0
2.7 to 5.5
–40 °C to 85 °C
4
SMD
CSTCR4M00G55Z-R0
(39)
(39)
Open
0
LEAD
CSTLS4M00G56Z-B0
(47)
(47)
Open
0
8
SMD
CSTCE8M00G52Z-R0
(10)
(10)
Open
0
LEAD
CSTLS8M00G53Z-B0
(15)
(15)
Open
0
16
SMD
CSTCE16M0V51Z-R0
(5)
(5)
Open
0
3.3 to 5.5
LEAD
CSTLS16M0X53Z-B0
(15)
(15)
6.8 k
0
3.4 to 5.5
1.
Resonator characteristics given by the ceramic resonator manufacturer. For more information on these resonators, please
consult Murata’s web site.
2.
() means load capacitor built in resonator.
3.
SMD = [-R0: Plastic tape package (Ø =180mm), -B0: Bulk]
LEAD = [-B0: Bulk].
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
Resonator
When resonator with
integrated capacitors
VDD/2
Ref
POWER DOWN
LOGIC
FEEDBACK
LOOP
LINEAR
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com