Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 56Page - STMicroelectronics STM8S105C4 Datasheet HTML 57Page - STMicroelectronics STM8S105C4 Datasheet HTML 58Page - STMicroelectronics STM8S105C4 Datasheet HTML 59Page - STMicroelectronics STM8S105C4 Datasheet HTML 60Page - STMicroelectronics STM8S105C4 Datasheet HTML 61Page - STMicroelectronics STM8S105C4 Datasheet HTML 62Page - STMicroelectronics STM8S105C4 Datasheet HTML 63Page - STMicroelectronics STM8S105C4 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
Electrical characteristics
STM8S105x4/6
60/121
DocID14771 Rev 15
Total current consumption in halt mode
Table 25. Total current consumption in active halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max at
85 °C(1)
Max at
85 °C(1)
Unit
Main
voltage
regulator
(MVR)(2)
Flash mode(3)
Clock source
IDD(AH)
Supply
current in
active halt
mode
On
Operating mode
HSE crystal osc.
(16 MHz)
680
-
-
µA
Operating mode
LSI RC osc. (128 kHz)
200
320
400
Power down
mode
HSE crystal osc.
(16 MHz)
630
-
-
Power down
mode
LSI RC osc. (128 kHz)
140
270
350
Off
Operating mode
LSI RC osc. (128 kHz)
66
120
220
Power down
mode
LSI RC osc. (128 kHz)
10
60
150
1.
Data based on characterization results, not tested in production.
2. Configured by the REGAH bit in the CLK_ICKR register.
3. Configured by the AHALT bit in the FLASH_CR1 register.
Table 26. Total current consumption in halt mode at VDD = 5 V
Symbol
Parameter
Conditions
Typ
Max at
85 °C(1)
1.
Data based on characterization results, not tested in production.
Max at
85 °C(1)
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode, HSI
clock after wakeup
62
90
150
µA
Flash in power-down mode,
HSI clock after wakeup
6.5
25
80
Table 27. Total current consumption in halt mode at VDD = 3.3 V
Symbol
Parameter
Conditions
Typ
Max at
85 °C(1)
1.
Data based on characterization results, not tested in production.
Max at
85 °C(1)
Unit
IDD(H)
Supply current in halt
mode
Flash in operating mode, HSI
clock after wakeup
60
90
150
µA
Flash in power-down mode,
HSI clock after wakeup
4.5
20
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com