Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 44Page - STMicroelectronics STM8S105C4 Datasheet HTML 45Page - STMicroelectronics STM8S105C4 Datasheet HTML 46Page - STMicroelectronics STM8S105C4 Datasheet HTML 47Page - STMicroelectronics STM8S105C4 Datasheet HTML 48Page - STMicroelectronics STM8S105C4 Datasheet HTML 49Page - STMicroelectronics STM8S105C4 Datasheet HTML 50Page - STMicroelectronics STM8S105C4 Datasheet HTML 51Page - STMicroelectronics STM8S105C4 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 121 page
background image
Option byte
STM8S105x4/6
48/121
DocID14771 Rev 15
OPT4
EXTCLK:
External clock selection
0: External crystal connected to OSCIN/OSCOUT
1: External clock signal on OSCIN
CKAWUSEL:
Auto wake-up unit/clock
0: LSI clock source selected for AWU
1: HSE clock with prescaler selected as clock source for AWU
PRSC[1:0]
AWU clock prescaler
0x: 16 MHz to 128 kHz prescaler
10: 8 MHz to 128 kHz prescaler
11: 4 MHz to 128 kHz prescaler
OPT5
HSECNT[7:0]:
HSE crystal oscillator stabilization time
0x00: 2048 HSE cycles
0xB4: 128 HSE cycles
0xD2: 8 HSE cycles
0xE1: 0.5 HSE cycles
OPT6
Reserved
OPT7
Reserved
OPTBL
BL[7:0]:
Bootloader option byte
For STM8S products, this option is checked by the boot ROM code after
reset. Depending on the content of addresses 0x487E, 0x487F, and 0x8000
(reset vector), the CPU jumps to the bootloader or to the reset vector. Refer
to the UM0560 (STM8L/S bootloader manual) for more details.
For STM8L products, the bootloader option bytes are on addresses 0xXXXX
and 0xXXXX+1 (2 byte). These option bytes control whether the bootloader is
active or not. For more details, refer to the UM0560 (STM8L/S bootloader
manual) for more details.
Table 12. Option byte description (continued)
Option byte no.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com