Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 65Page - STMicroelectronics STM8S105C4 Datasheet HTML 66Page - STMicroelectronics STM8S105C4 Datasheet HTML 67Page - STMicroelectronics STM8S105C4 Datasheet HTML 68Page - STMicroelectronics STM8S105C4 Datasheet HTML 69Page - STMicroelectronics STM8S105C4 Datasheet HTML 70Page - STMicroelectronics STM8S105C4 Datasheet HTML 71Page - STMicroelectronics STM8S105C4 Datasheet HTML 72Page - STMicroelectronics STM8S105C4 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 121 page
background image
DocID14771 Rev 15
69/121
STM8S105x4/6
Electrical characteristics
90
10.3.4
Internal clock sources and timing characteristics
Subject to general operating conditions for VDD and TA.
High speed internal RC oscillator (HSI)
Figure 21. Typical HSI accuracy @ VDD = 5 V vs 5 temperatures
Table 33. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
-
16
-
MHz
ACCHS
Accuracy of HSI oscillator
User-trimmed with
CLK_HSITRIMR register for
given VDD and TA
conditions(1)
1. Refer to application note.
--
1(2)
2. Guaranteed by design, not tested in production.
%
HSI oscillator accuracy
(factory calibrated)
VDD V,
TA  25 °C(3)
3. Data based on characterization results, not tested in production.
-1.0
-
1.0
VDD= 5 V, 
-25°C
 TA  85 °C
-2.0
-
2.0
2.95 V
 VDD  5.5 V, 
-40°C
 TA  125 °C
-3.0(3)
-3.0(3)
tsu(HSI)
HSI oscillator wakeup
time including calibration
--
-
1.0(2)
µs
IDD(HSI)
HSI oscillator power
consumption
-
-
170
250(3)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com