Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 69Page - STMicroelectronics STM8S105C4 Datasheet HTML 70Page - STMicroelectronics STM8S105C4 Datasheet HTML 71Page - STMicroelectronics STM8S105C4 Datasheet HTML 72Page - STMicroelectronics STM8S105C4 Datasheet HTML 73Page - STMicroelectronics STM8S105C4 Datasheet HTML 74Page - STMicroelectronics STM8S105C4 Datasheet HTML 75Page - STMicroelectronics STM8S105C4 Datasheet HTML 76Page - STMicroelectronics STM8S105C4 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 121 page
background image
DocID14771 Rev 15
73/121
STM8S105x4/6
Electrical characteristics
90
10.3.6
I/O port pin characteristics
General characteristics
Subject to general operating conditions for VDD and TA unless otherwise specified. All
unused pins must be kept at a fixed voltage, using the output mode of the I/O for example or
an external pull-up or pull-down resistor.
Table 37. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VDD = 5 V
-0.3 V
-
0.3 x VDD
V
VIH
Input high level voltage
0.7 x VDD
-VDD + 0.3 V
Vhys
Hysteresis(1)
-700
-
mV
Rpu
Pull-up resistor
VDD = 5 V, VIN = VSS
30
55
80
k
tR, tF
Rise and fall time
(10% - 90%)
Fast I/Os
Load = 50 pF
--
35(2)
ns
Standard and high sink I/Os
Load = 50 pF
--
125(2)
tR, tF
Rise and fall time
(10% - 90%)
Fast I/Os
Load = 20 pF
--
20(2)
ns
Standard and high sink I/Os
Load = 20 pF
--
50(2)
Ilkg
Digital input leakage
current
VSS VIN VDD
--
±1(3)
µA
Ilkg ana
Analog input leakage
current
VSS VIN VDD
--
±250(3)
nA
Ilkg(inj)
Leakage current in
adjacent I/O
Injection current ±4 mA
-
-
±1(3)
µA
1. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested in production.
2. Data guaranteed by design.
3. Data based on characterization results, not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com