Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 23Page - STMicroelectronics STM8S105C4 Datasheet HTML 24Page - STMicroelectronics STM8S105C4 Datasheet HTML 25Page - STMicroelectronics STM8S105C4 Datasheet HTML 26Page - STMicroelectronics STM8S105C4 Datasheet HTML 27Page - STMicroelectronics STM8S105C4 Datasheet HTML 28Page - STMicroelectronics STM8S105C4 Datasheet HTML 29Page - STMicroelectronics STM8S105C4 Datasheet HTML 30Page - STMicroelectronics STM8S105C4 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 121 page
background image
DocID14771 Rev 15
27/121
STM8S105x4/6
Pinout and pin description
30
7
7
6
11
VDD
S
---
----
Digital power supply
-
8
8
7
12
VDDIO_1
S
---
----
I/O power supply
-
9-
-
-
PA3/ TIM2_CH3
[TIM3_CH1]
I/O
X
X
X
-
O1
X
X
Port A3
Timer 2 -
channel 3
TIM3_
CH1
[AFR1]
10
9
-
-
PA4
I/O
X
X
X
HS O3
X
X
Port A4
-
-
11
10
-
-
PA5
I/O
X
X
X
HS O3
X
X
Port A5
-
-
12
11
-
-
PA6
I/O
X
X
X
HS O3
X
X
Port A6
-
-
--
8
13
PF4/ AIN12(1)
I/O
X
X-
-
O1
X
X
Port F4
Analog
input
12(2)
-
13
12
9
14
VDDA
S
---
----
Analog power supply
-
14
13
10
15
VSSA
S
-
-
-
----
Analog ground
-
15
14
-
-
PB7/ AIN7
I/O
X
X
X
-
O1
X
X
Port B7
Analog
input 7
-
16
15
-
-
PB6/ AIN6
I/O
X
X
X
-
O1
X
X
Port B6
Analog
input 6
-
17
16
11
16
PB5/ AIN5
[I2C_ SDA]
I/O
X
X
X
-
O1
X
X
Port B5
Analog
input 5
I
2C_SDA
[AFR6]
18
17
12
17
PB4/ AIN4
[I2C_SCL]
I/O
X
X
X
-
O1
X
X
Port B4
Analog
input 4
I2C_SCL
[AFR6]
19
18
13
18
PB3/ AIN3
[TIM1_ETR]
I/O
X
X
X
-
O1
X
X
Port B3
Analog
input 3
TIM1_ET
R [AFR5]
20
19
14
19
PB2/ AIN2
[TIM1_CH3N]
I/O
X
X
X
-
O1
X
X
Port B2
Analog
input 2
TIM1_CH
3N
[AFR5]
21
20
15
20
PB1/ AIN1
[TIM1_CH2N]
I/O
X
X
X
-
O1
X
X
Port B1
Analog
input 1
TIM1_CH
2N
[AFR5]
22
21
16
21
PB0/ AIN0
[TIM1_CH1N]
I/O
X
X
X
-
O1
X
X
Port B0
Analog
input 0
TIM1_CH
1N
[AFR5]
23
-
-
-
PE7/ AIN8
I/O
X
X
X
-
O1
X
X
Port E7
Analog
input 8
-
Table 5. STM8S105x4/6 pin description (continued)
Pin number
Pin name
Type
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after
remap
[option
bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com