Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 85Page - STMicroelectronics STM8S105C4 Datasheet HTML 86Page - STMicroelectronics STM8S105C4 Datasheet HTML 87Page - STMicroelectronics STM8S105C4 Datasheet HTML 88Page - STMicroelectronics STM8S105C4 Datasheet HTML 89Page - STMicroelectronics STM8S105C4 Datasheet HTML 90Page - STMicroelectronics STM8S105C4 Datasheet HTML 91Page - STMicroelectronics STM8S105C4 Datasheet HTML 92Page - STMicroelectronics STM8S105C4 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
DocID14771 Rev 15
89/121
STM8S105x4/6
Electrical characteristics
90
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm IEC 61967-2 which specifies the board and the loading of each pin.
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD, DLU and LU) using specific measurement methods, the
product is stressed to determine its performance in terms of electrical sensitivity. For more
details, refer to the application note AN1181.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts x (n+1) supply pin). One model
can be simulated: Human body model. This test conforms to the JESD22-A114A/A115A
standard. For more details, refer to the application note AN1181.
1. Data obtained with HSI clock configuration, after applying the hardware recommendations described in
AN2860 (EMC guidelines for STM8S microcontrollers).
Table 48. EMI data
Symbol
Parameter
Conditions
Unit
General conditions
Monitored
frequency band
Max fHSE/fCPU
(1)
1. Data based on characterization results, not tested in production.
8 MHz/
8 MHz
8 MHz/
16 MHz
SEMI
Peak level
VDD 5 V, 
TA 25 °C, 
LQFP48 package.
Conforming to
IEC 61967-2
0.1 MHz to 30 MHz
13
14
dBµV
30 MHz to 130 MHz
23
19
130 MHz to 1 GHz
-4.0
-4.0
EMI level
EMI level
2.0
1.5
-
Table 49. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
1. Data based on characterization results, not tested in production
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human body model)
TA 25°C, conforming to
JESD22-A114
A
2000
V
VESD(CDM)
Electrostatic discharge voltage
(Charge device model)
TA 25°C, conforming to
SD22-C101
IV
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com