Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 25Page - STMicroelectronics STM8S105C4 Datasheet HTML 26Page - STMicroelectronics STM8S105C4 Datasheet HTML 27Page - STMicroelectronics STM8S105C4 Datasheet HTML 28Page - STMicroelectronics STM8S105C4 Datasheet HTML 29Page - STMicroelectronics STM8S105C4 Datasheet HTML 30Page - STMicroelectronics STM8S105C4 Datasheet HTML 31Page - STMicroelectronics STM8S105C4 Datasheet HTML 32Page - STMicroelectronics STM8S105C4 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
DocID14771 Rev 15
29/121
STM8S105x4/6
Pinout and pin description
30
40
36
-
-
PE0/ CLK_CCO
I/O
X
X
X
HS O3
X
X
Port E0
Configura
ble clock
output
-
41
37
25
30
PD0/
TIM3_CH2
[TIM1_BKIN]
[CLK_CCO]
I/O
X
X
X
HS O3
X
X
Port D0
Timer 3 -
channel 2
TIM1_BK
IN
[AFR3]/
CLK_CC
O [AFR2]
42
38
26
31
PD1/ SWIM(5)
I/O
X
XX
X
HS O4
X
Port D1
SWIM
data
interface
-
43
39
27
32
PD2/
TIM3_CH1
[TIM2_CH3]
I/O
X
X
X
HS O3
X
X
Port D2
Timer 3 -
channel 1
TIM2_CH
3 [AFR1]
44
40
28
1
PD3/
TIM2_CH2
[ADC_ETR]
I/O
X
X
X
HS O3
X
X
Port D3
Timer 2 -
channel 2
ADC_ET
R [AFR0]
45
41
29
2
PD4/
TIM2_CH1
[BEEP]
I/O
X
X
X
HS O3
X
X
Port D4
Timer 2 -
channel 1
BEEP
output
[AFR7]
46
42
30
3
PD5/
UART2_TX
I/O
X
XX
-
O1
X
X
Port D5
UART2
data
transmit
-
47
43
31
4
PD6/
UART2_RX
I/O
X
XX
-
O1
X
X
Port D6
UART2
data
receive
-
48
44
32
5
PD7/ TLI
[TIM1_CH4
I/O
X
XX
-
O1
X
X
Port D7
Top level
interrupt
TIM1_CH
4 [AFR4]
1. A pull-up is applied to PF4 during the reset phase. This pin is input floating after reset release.
2.
AIN12 is not selectable in ADC scan mode or with analog watchdog.
3. In 44-pin package, AIN9 cannot be used by ADC scan mode.
4. In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
5. The PD1 pin is in input pull-up during the reset phase and after internal reset release.
Table 5. STM8S105x4/6 pin description (continued)
Pin number
Pin name
Type
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after
remap
[option
bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com