Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 32Page - STMicroelectronics STM8S105C4 Datasheet HTML 33Page - STMicroelectronics STM8S105C4 Datasheet HTML 34Page - STMicroelectronics STM8S105C4 Datasheet HTML 35Page - STMicroelectronics STM8S105C4 Datasheet HTML 36Page - STMicroelectronics STM8S105C4 Datasheet HTML 37Page - STMicroelectronics STM8S105C4 Datasheet HTML 38Page - STMicroelectronics STM8S105C4 Datasheet HTML 39Page - STMicroelectronics STM8S105C4 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
Memory and register map
STM8S105x4/6
36/121
DocID14771 Rev 15
0x00 5208 to 0x00 520F
Reserved area (8 byte)
0x00 5210
I2C
I2C_CR1
I2C control register 1
0x00
0x00 5211
I2C_CR2
I2C control register 2
0x00
0x00 5212
I2C_FREQR
I2C frequency register
0x00
0x00 5213
I2C_OARL
I2C Own address register low 0x00
0x00 5214
I2C_OARH
I2C Own address register
high
0x00
0x00 5215
Reserved
0x00 5216
I2C_DR
I2C data register
0x00
0x00 5217
I2C_SR1
I2C status register 1
0x00
0x00 5218
I2C_SR2
I2C status register 2
0x00
0x00 5219
I2C_SR3
I2C status register 3
0x0X
0x00 521A
I2C_ITR
I2C interrupt control register
0x00
0x00 521B
I2C_CCRL
I2C Clock control register low 0x00
0x00 521C
I2C_CCRH
I2C Clock control register high 0x00
0x00 521D
I2C_TRISER
I2C TRISE register
0x02
0x00 521E
I2C_PECR
I2C packet error checking
register
0x00
0x00 521F to 0x00 522F
Reserved area (17 byte)
0x00 5230 to 0x00 523F
Reserved area (6 byte)
0x00 5240
UART2
UART2_SR
UART2 status register
0xC0
0x00 5241
UART2_DR
UART2 data register
0xXX
0x00 5242
UART2_BRR1
UART2 baud rate register 1
0x00
0x00 5243
UART2_BRR2
UART2 baud rate register 2
0x00
0x00 5244
UART2_CR1
UART2 control register 1
0x00
0x00 5245
UART2_CR2
UART2 control register 2
0x00
0x00 5246
UART2_CR3
UART2 control register 3
0x00
0x00 5247
UART2_CR4
UART2 control register 4
0x00
0x00 5248
UART2_CR5
UART2 control register 5
0x00
0x00 5249
UART2_CR6
UART2 control register 6
0x00
0x00 524A
UART2_GTR
UART2 guard time register
0x00
0x00 524B
UART2_PSCR
UART2 prescaler register
0x00
0x00 524C to 0x00 524F
Reserved area (4 byte)
Table 8. General hardware register map (continued)
Address
Block
Register label
Register name
Reset status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com