Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 38Page - STMicroelectronics STM8S105C4 Datasheet HTML 39Page - STMicroelectronics STM8S105C4 Datasheet HTML 40Page - STMicroelectronics STM8S105C4 Datasheet HTML 41Page - STMicroelectronics STM8S105C4 Datasheet HTML 42Page - STMicroelectronics STM8S105C4 Datasheet HTML 43Page - STMicroelectronics STM8S105C4 Datasheet HTML 44Page - STMicroelectronics STM8S105C4 Datasheet HTML 45Page - STMicroelectronics STM8S105C4 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 121 page
background image
Memory and register map
STM8S105x4/6
42/121
DocID14771 Rev 15
6.2.3
CPU/SWIM/debug module/interrupt controller registers
Table 9. CPU/SWIM/debug module/interrupt controller registers
Address
Block
Register label
Register name
Reset
status
0x00 7F00
CPU(1)
A
Accumulator
0x00
0x00 7F01
PCE
Program counter extended
0x00
0x00 7F02
PCH
Program counter high
0x00
0x00 7F03
PCL
Program counter low
0x00
0x00 7F04
XH
X index register high
0x00
0x00 7F05
XL
X index register low
0x00
0x00 7F06
YH
Y index register high
0x00
0x00 7F07
YL
Y index register low
0x00
0x00 7F08
SPH
Stack pointer high
0x03
0x00 7F09
SPL
Stack pointer low
0xFF
0x00 7F0A
CCR
Condition code register
0x28
0x00 7F0B to 0x00 7F5F
Reserved area (85 byte)
0x00 7F60
CPU
CFG_GCR
Global configuration
register
0x00
0x00 7F70
ITC
ITC_SPR1
Interrupt software priority
register 1
0xFF
0x00 7F71
ITC_SPR2
Interrupt software priority
register 2
0xFF
0x00 7F72
ITC_SPR3
Interrupt software priority
register 3
0xFF
0x00 7F73
ITC_SPR4
Interrupt software priority
register 4
0xFF
0x00 7F74
ITC_SPR5
Interrupt software priority
register 5
0xFF
0x00 7F75
ITC_SPR6
Interrupt software priority
register 6
0xFF
0x00 7F76
ITC_SPR7
Interrupt software priority
register 7
0xFF
0x00 7F77
ITC_SPR8
Interrupt software priority
register 8
0xFF
0x00 7F78 to 0x00 7F79
Reserved area (2 byte)
0x00 7F80
SWIM
SWIM_CSR
SWIM control status
register
0x00
0x00 7F81 to 0x00 7F8F
Reserved area (15 byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com