Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 7Page - STMicroelectronics STM8S105C4 Datasheet HTML 8Page - STMicroelectronics STM8S105C4 Datasheet HTML 9Page - STMicroelectronics STM8S105C4 Datasheet HTML 10Page - STMicroelectronics STM8S105C4 Datasheet HTML 11Page - STMicroelectronics STM8S105C4 Datasheet HTML 12Page - STMicroelectronics STM8S105C4 Datasheet HTML 13Page - STMicroelectronics STM8S105C4 Datasheet HTML 14Page - STMicroelectronics STM8S105C4 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
DocID14771 Rev 15
11/121
STM8S105x4/6
Description
21
Table 1. STM8S105x4/6 access line features
Device
STM8S105C6
STM8S105C4
STM8S105S6
STM8S105S4
STM8S105K6
STM8S105K4
Pin count
48
48
44
44
32
32
Maximum
number of
GPIOs
38
38
34
34
25
25
Ext. Interrupt
pins
35
35
31
31
23
23
Timer
CAPCOM
channels
9
9
8
8
8
8
Timer
complementar
y outputs
3
3
3
3
3
3
A/D Converter
channels
10
10
9
9
7
7
High sink I/Os
16
16
15
15
12
12
Medium
density Flash
Program
memory (byte)
32K
16K
32K
16K
32K
16K
Data
EEPROM
(bytes)
1024
1024
1024
1024
1024
1024
RAM (bytes)
2K
2K
2K
2K
2K
2K
Peripheral set
Advanced control timer (TIM1), General-purpose timers (TIM2 and TIM3), Basic timer (TIM4) SPI,
I2C, UART, Window WDG, Independent WDG, ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com