Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S105C4 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM8S105C4
Description  Extended instruction set
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S105C4 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM8S105C4 Datasheet HTML 113Page - STMicroelectronics STM8S105C4 Datasheet HTML 114Page - STMicroelectronics STM8S105C4 Datasheet HTML 115Page - STMicroelectronics STM8S105C4 Datasheet HTML 116Page - STMicroelectronics STM8S105C4 Datasheet HTML 117Page - STMicroelectronics STM8S105C4 Datasheet HTML 118Page - STMicroelectronics STM8S105C4 Datasheet HTML 119Page - STMicroelectronics STM8S105C4 Datasheet HTML 120Page - STMicroelectronics STM8S105C4 Datasheet HTML 121Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 119 / 121 page
background image
DocID14771 Rev 15
119/121
STM8S105x4/6
Revision history
120
21-Sep-2010
10
Table: Legend/Abbreviations for pinout tables:
updated
"reset state"; removed "HS", (T), and "[ ]".
Section: Pin description for STM8S105 microcontrollers:
added footnotes to the PF4 and PD1 pins.
Table: I/O port hardware register map:
changed reset
status of Px_IDR from 0x00 to 0xXX.
Table: General hardware register map
: Standardized all
address and reset state values; updated the reset state
values of the RST_SR, CLK_SWCR, CLK_HSITRIMR,
CLK_SWIMCCR, IWDG_KR, UART2_DR, and
ADC_DRx registers; replaced reserved address "0x00
5248" with the UART2_CR5.
Section: Recommended reset pin protection
: replaced
0.01 µF with 0.1 µF
Updated Figure: Typical application with I2C bus and
timing diagram
.
Updated Table: ADC accuracy with RAIN < 10 kohm ,
VDDA = 5 V
footnote 1 in and Table: ADC accuracy with
RAIN < 10 kohm RAIN, VDDA = 3.3 V.
Section: STM8S105 FASTROM microcontroller option
list
: removed bits 6 and 7 from OPT1 user boot code
area (UBC); added "disable" to 00h and "enable" to 55h
of OPTBL bootloader option byte.
Section: VFQFPN Package Mechanical dat
a: replaced
note 1 and added note 2.
04-Apr-2012
11
Removed VFQFPN32 package.
Modified Section: Description.
Remove weak pull-up input for PE1 and PE2 in Table:
Pin description for STM8S105 microcontrollers
Updated Table: Interrupt mapping for TIM2 and TIM4.
Updated notes related to VCAP in xm-replace_text
General operating conditions.
Added values of tR/tF for 50 pF load capacitance, and
updated note in Section: I/O static characteristics.
Updated typical and maximum values of RPU in Table:
I/O static characteristics
and Table: RST pin
characteristics
.
Changed SCK input to SCK output in Table: SPI serial
peripheral interface.
Added
JA for UFQFPN32 and SDIP32 in Table:
Thermal characteristics
, and updated Section: Selecting
the product temperature range
28-Jun-2012
12
Added UFQFPN package thickness in Figure:
STM8S105xx access line ordering information scheme
Table 57. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com