Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 123Page - STMicroelectronics STM32L053 Datasheet HTML 124Page - STMicroelectronics STM32L053 Datasheet HTML 125Page - STMicroelectronics STM32L053 Datasheet HTML 126Page - STMicroelectronics STM32L053 Datasheet HTML 127Page - STMicroelectronics STM32L053 Datasheet HTML 128Page - STMicroelectronics STM32L053 Datasheet HTML 129Page - STMicroelectronics STM32L053 Datasheet HTML 130Page - STMicroelectronics STM32L053 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 132 page
background image
DocID025844 Rev 7
127/132
STM32L053x6 STM32L053x8
Revision history
131
25-Jun-2014
3
ADC now guaranteed down to 1.65 V.
Cover page: updated core speed, added minimum supply voltage for
ADC, DAC and comparators.
Updated list of applications in Section 1: Introduction. Changed number
of I2S interfaces to one in Section 2: Description.
Updated RTC/TIM21 in Table 5: STM32L0xx peripherals interconnect
matrix.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby).
Updated Section 3.4.1: Power supply schemes.
Updated Figure 4: STM32L053x6/8 TFBGA64 ballout - 5x 5 mm.
Updated VDDA in Table 24: General operating conditions.
Splitted Table Current consumption in Run mode, code with data
processing running from Flash into Table 28 and Table 29 and content
updated. Splitted Table Current consumption in Run mode, code with
data processing running from RAM into Table 30 and Table 31 and
content updated. Updated Table 32: Current consumption in Sleep
mode, Table 33: Current consumption in Low-power run mode,
Table 34: Current consumption in Low-power sleep mode, Table 35:
Typical and maximum current consumptions in Stop mode, Table 36:
Typical and maximum current consumptions in Standby mode, and
added Table 37: Average current consumption during Wakeup.
Updated Table 38: Peripheral current consumption in Run or Sleep
mode and added Table 39: Peripheral current consumption in Stop and
Standby mode.
Updated Table 46: HSI48 oscillator characteristics. Removed note 1
below Figure 19: HSE oscillator circuit diagram.
Updated tLOCK in Table 49: PLL characteristics.
Updated Table 51: Flash memory and data EEPROM characteristics
and Table 52: Flash memory and data EEPROM endurance and
retention.
Updated Table 60: I/O AC characteristics.
Updated Table 62: ADC characteristics.
Updated Figure 46: Thermal resistance and added note 1.
Table 87. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com