Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 124Page - STMicroelectronics STM32L053 Datasheet HTML 125Page - STMicroelectronics STM32L053 Datasheet HTML 126Page - STMicroelectronics STM32L053 Datasheet HTML 127Page - STMicroelectronics STM32L053 Datasheet HTML 128Page - STMicroelectronics STM32L053 Datasheet HTML 129Page - STMicroelectronics STM32L053 Datasheet HTML 130Page - STMicroelectronics STM32L053 Datasheet HTML 131Page - STMicroelectronics STM32L053 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 128 / 132 page
background image
Revision history
STM32L053x6 STM32L053x8
128/132
DocID025844 Rev 7
05-Sep-2014
4
Extended operating temperature range to 125 °C.
Updated minimum ADC operating voltage to 1.65 V.
Replaced USART3 by LPUART1 in Table 15: STM32L053x6/8 pin
definitions and LPUART by LPUART1 in Table 16: Alternate function
port A, Table 17: Alternate function port B, Table 18: Alternate function
port C, Table 19: Alternate function port D and Table 20: Alternate
function port H. Updated PA6 in Table 16: Alternate function port A.
Updated temperature range in Section 2: Description, Table 1: Ultra-
low-power STM32L053x6/x8 device features and peripheral counts.
Updated PD, TA and TJ to add range 3 in Table 24: General operating
conditions. Added range 3 in Table 51: Flash memory and data
EEPROM characteristics, Table 52: Flash memory and data EEPROM
endurance and retention. Update note 1 in Table 28: Current
consumption in Run mode, code with data processing running from
Flash, Table 30: Current consumption in Run mode, code with data
processing running from RAM, Table 32: Current consumption in Sleep
mode, Table 33: Current consumption in Low-power run mode,
Table 34: Current consumption in Low-power sleep mode, Table 35:
Typical and maximum current consumptions in Stop mode, Table 36:
Typical and maximum current consumptions in Standby mode and
Table 40: Low-power mode wakeup timings. Updated Figure 46:
Thermal resistance and removed note 1. Updated Figure 14: IDD vs
VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running
from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS, Figure 15: IDD
vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC enabled
and running on LSE Low drive, Figure 16: IDD vs VDD, at TA=
25/55/85/105/125 °C, Stop mode with RTC disabled, all clocks OFF.
Updated Table 36: Typical and maximum current consumptions in
Standby mode.
Updated SYSCFG in Table 38: Peripheral current consumption in Run
or Sleep mode.
Updated Table 39: Peripheral current consumption in Stop and Standby
mode and Table 40: Low-power mode wakeup timings.
Updated ACCHSI16 temperature conditions in Table 45: 16 MHz HSI16
oscillator characteristics. Changed ambient temperature range in note
1 below Table 46: HSI48 oscillator characteristics.
Updated VF(NRST) and VNF(NRST) in Table 61: NRST pin characteristics.
Updated Table 62: ADC characteristics and Table 64: ADC accuracy.
Added range 3 in Table 86: STM32L053x6/8 ordering information
scheme.
Table 87. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com