Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 124Page - STMicroelectronics STM32L053 Datasheet HTML 125Page - STMicroelectronics STM32L053 Datasheet HTML 126Page - STMicroelectronics STM32L053 Datasheet HTML 127Page - STMicroelectronics STM32L053 Datasheet HTML 128Page - STMicroelectronics STM32L053 Datasheet HTML 129Page - STMicroelectronics STM32L053 Datasheet HTML 130Page - STMicroelectronics STM32L053 Datasheet HTML 131Page - STMicroelectronics STM32L053 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 130 / 132 page
background image
Revision history
STM32L053x6 STM32L053x8
130/132
DocID025844 Rev 7
11-Mar-2016
6
Updated number of SPIs on cover page and in Table 1: Ultra-low-power
STM32L053x6/x8 device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover page.
Added number of fast and standard channels in Section 3.12: Analog-
to-digital converter (ADC).
Changed LCD_VLCD1 into LCD_VLCD2 in Section 3.13.2: VLCD
voltage monitoring.
Updated Section 3.19.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.19.4: Serial peripheral interface
(SPI)/Inter-integrated sound (I2S) to mention the fact that USARTs with
synchronous mode feature can be used as SPI master interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.19.2: Universal synchronous/asynchronous receiver
transmitter (USART) and Section 3.19.3: Low-power universal
asynchronous receiver transmitter (LPUART).
In Section 6: Electrical characteristics, updated notes related to values
guaranteed by characterization.
Section 6.3.15: 12-bit ADC characteristics:
– Table 62: ADC characteristics:
Distinction made between VDDA for fast and standard channels;
added note 1
Added note 4 related to RADC.
Updated fTRIG. and VAIN maximum value; added VREF+.
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 63: RAIN max for fADC = 16 MHz for fADC = 16 MHz
and distinction made between fast and standard channels.
Updated RO and added Note 2 in Table 65: DAC characteristics.
Added Table 72: USART/LPUART characteristics.
Updated Figure 45: LQFP48 marking example (package top view).
Table 87. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com