Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L053 Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L053
Description  Reset and supply management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L053 Datasheet HTML 124Page - STMicroelectronics STM32L053 Datasheet HTML 125Page - STMicroelectronics STM32L053 Datasheet HTML 126Page - STMicroelectronics STM32L053 Datasheet HTML 127Page - STMicroelectronics STM32L053 Datasheet HTML 128Page - STMicroelectronics STM32L053 Datasheet HTML 129Page - STMicroelectronics STM32L053 Datasheet HTML 130Page - STMicroelectronics STM32L053 Datasheet HTML 131Page - STMicroelectronics STM32L053 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 132 page
background image
DocID025844 Rev 7
131/132
STM32L053x6 STM32L053x8
Revision history
131
11-Oct-2016
7
Updated note related to PA4 in Table 15: STM32L053x6/8 pin
definitions; added same note to PA4 in Table 8: Capacitive sensing
GPIOs available on STM32L053x6/8 devices and Table 16: Alternate
function port A.
Updated VDD_USB and VDD in Table 15: STM32L053x6/8 pin
definitions. Renamed USB_OE into USB_NOE.
Added mission profile compliance with JEDEC JESD47 in Section 6.2:
Absolute maximum ratings.
Added note 2. related to the position of the 0.1 μF capacitor below
Figure 25: Recommended NRST pin protection.
Updated RL in Table 62: ADC characteristics.
Updated tAF maximum value for range 1 in Table 71: I2C analog filter
characteristics.
Updated tWUUSART description in Table 72: USART/LPUART
characteristics.
Updated Figure 31: SPI timing diagram - slave mode and CPHA = 0
and Figure 32: SPI timing diagram - slave mode and CPHA = 1(1).
Added reference to optional marking or inset/upset marks in all
package device marking sections.
Table 87. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com