Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 64 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 64 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 60Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 61Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 62Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 63Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 64Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 65Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 66Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 67Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 68Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
Report No.
Test Report
SCL01H013155001
Page 4 of 7
Tested Item(s)
Result
MDL
Phthalates
Dimethyl phthalate(DMP)
CAS#:131-11-3
N.D.
50 mg/kg
Diethyl phthalate(DEP) CAS#:84-66-2
N.D.
50 mg/kg
Diisobutyl phthalate(DIBP)
CAS#:84-69-5
N.D.
50 mg/kg
Dibutyl phthalate(DBP) CAS#:84-74-2
N.D.
50 mg/kg
Butylbenzyl phthalate(BBP)
CAS#:85-68-7
N.D.
50 mg/kg
Di-2-ethylhexyl phthalate(DEHP)
CAS#:117-81-7
N.D.
50 mg/kg
Di-n-octyl phthalate(DNOP)
CAS#:117-84-0
N.D.
50 mg/kg
Diisononyl phthalate(DINP)
CAS#:28553-12-0,68515-48-0
N.D.
50 mg/kg
Diisodecyl phthalate(DIDP)
CAS#:26761-40-0,68515-49-1
N.D.
50 mg/kg
Di-n-hexyl phthalate (DNHP)
CAS#:84-75-3
N.D.
50 mg/kg
Transparent plastic film with adhesive paste
Tested Sample/Part Description
Remark:
The sample(s) had been dissolved totally tested for Lead, Cadmium, Mercury.
-MDL = Method Detection Limit
-N.D. = Not Detected (<MDL )
-mg/kg = ppm = parts per million



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com