Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 68 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 68 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 64Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 65Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 66Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 67Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 68Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 69Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 70Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 71Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 72Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
頁數(Page): 1 of 11
:
:
:
=============================================================================================================================
(1)
(2)
(3)
測試結果(Test Results)
:
號碼(No.) : CE/2015/53008
日期(Date) : 2015/05/20
SIL-MORE INDUSTRIAL LTD.
測試報告
Test Report
新北市三重區興德路100號16樓
16F, NO. 100, XINGDE RD., SANCHONG DISTRICT, NEW TAIPEI CITY 24158, TAIWAN
以下測試樣品係由申請廠商所提供及確認 (The following sample(s) was/were submitted and identified by/on
behalf of the applicant as):
DOW CORNING TC-5630 THERMALLY CONDUCTIVE COMPOUND
樣品名稱(Sample Description)
2015/05/14
2015/05/14 TO 2015/05/20
請見下一頁 (Please refer to next pages).
收件日期(Sample Receiving Date)
測試需求(Test Requested):
測試期間(Testing Period)
其他測試項目請見下一頁 . / Please refer to next pages for the other item(s).
喬越實業有限公司
*CE/2015/53008*
依據客戶要求,參考RoHS 2011/65/EU Annex II 指令測試鎘、鉛、汞、六價鉻、多溴聯苯、多溴聯苯醚. (As specified by
client, with reference to RoHS Directive 2011/65/EU Annex II to determine Cadmium, Lead, Mercury, Cr(VI),
PBBs, PBDEs contents in the submitted sample.)
依據客戶要求,參考 WTO/TBT 通報 G/TBT/N/EU/256,檢測 DBP, BBP, DEHP, DIBP. (As specified by client, with
reference to G/TBT/N/EU/256 of WTO/TBT to test DBP, BBP, DEHP, DIBP.)
33, Wu Chuan Rd., New Taipei Industrial Park, New Taipei City, Taiwan /
新北市新北產業園區五權路33號
t+886 (02)2299 3279 f+886 (02)2299 3237
www.sgs.tw
Member of the SGS Group
SGS Taiwan Ltd.
台灣檢驗科技股份有限公司
This document is issued by the Company subject to its General Conditions of Service printed overleaf, available on request or accessible at http://www.sgs.com/en/Terms-and-Conditions.aspx
and, for electronic format documents, subject to Terms and Conditions for Electronic Documents at http://www.sgs.com/en/Terms-and-Conditions/Termse-Document.aspx. Attention is
drawn to the limitation of liability, indemnification and jurisdiction issues defined therein. Any holder of this document is advised that information contained hereon reflects the Company’s
findings at the time of its intervention only and within the limits of client’s instruction, if any. The Company’s sole responsibility is to its Client and this document does not exonerate parties
to a transaction from exercising all their rights and obligations under the transaction documents. This document cannot be reproduced, except in full, without prior written approval of the
Company. Any unauthorized alteration, forgery or falsification of the content or appearance of this document is unlawful and offenders may be prosecuted to the fullest extent of the law.
Unless otherwise stated the results shown in this test report refer only to the sample(s) tested.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com