Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 32 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 32 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 28Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 29Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 30Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 31Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 32Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 33Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 34Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 35Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 36Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
Test Report.
No. CANEC1503047702
Date: 13 Mar 2015 .
Page 4 of 13.
CAS NO.
Test Item(s).
Unit.
MDL.
002.
Naphthalene(NAP) .
91-20-3.
mg/kg.
0.1
ND
Acenaphthylene(ANY) .
208-96-8.
mg/kg.
0.1
ND
Acenaphthene(ANA) .
83-32-9.
mg/kg.
0.1
ND
Fluorene(FLU).
86-73-7.
mg/kg.
0.1
ND
Phenanthrene(PHE) .
85-01-8.
mg/kg.
0.1
ND
Anthracene(ANT) .
120-12-7.
mg/kg.
0.1
ND
Fluoranthene(FLT) .
206-44-0.
mg/kg.
0.1
ND
Pyrene(PYR).
129-00-0.
mg/kg.
0.1
ND
Benzo(a)anthracene(BaA) .
56-55-3.
mg/kg.
0.1
ND
Chrysene(CHR).
218-01-9.
mg/kg.
0.1
ND
Benzo(b)fluoranthene(BbF) +
Benzo(j)fluoranthene(BjF) .
205-99-2/205-82-3
.
mg/kg.
0.1
ND
Benzo(k)fluoranthene(BkF) .
207-08-9.
mg/kg.
0.1
ND
Benzo(e)pyrene(BeP) .
192-97-2.
mg/kg.
0.1
ND
Benzo(a)pyrene(BaP) .
50-32-8.
mg/kg.
0.1
ND
Indeno(1,2,3-c,d)pyrene(IPY) .
193-39-5.
mg/kg.
0.1
ND
Dibenzo(a,h)anthracene(DBA) .
53-70-3.
mg/kg.
0.1
ND
Benzo(g,h,i)perylene(BPE) .
191-24-2.
mg/kg.
0.1
ND
Sum of 18 PAHs .
mg/kg.
-
ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com