Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 47 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 47 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 43Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 44Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 45Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 46Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 47Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 48Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 49Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 50Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 51Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
If you have any further questions, or you require any additional information, please
contact:
gopal.majmudar@SABIC-IP.com
(Phone:
+91
265
3068501)
or
chris.wu@sabic-ip.com (Phone: +86 20 38488383 3003)
Sincerely,
Gregory Porta, Ph.D.
for SABIC Innovative Plastics
Encl: Nil
Gregory Porta, Ph.D.
Director-Product Stewardship
& Toxicology
T: 1-304-863-7594
F: 1-304-863-7693
E: greg.porta@sabic-ip.com
ANY SALE OF PRODUCTS OR DELIVERY OF CUSTOMER SUPPORT AND ADVICE BY
SABIC INNOVATIVE PLASTICS HOLDING BV, ITS SUBSIDIARIES AND AFFILIATES
(“SELLER”), IS MADE EXCLUSIVELY UNDER SELLER’S STANDARD CONDITIONS OF
SALE which can be located at http://www.sabic-ip.com. SELLER MAKES NO WARRANTY,
EXPRESS OR IMPLIED, WITH RESPECT TO THE PERFORMANCE, SUITABILITY OR
FITNESS FOR INTENDED USE OF ITS PRODUCTS IN ANY CUSTOMER’S APPLICATION.
Each customer should determine the suitability of SELLERS materials for the customer’s
particular use through appropriate testing and analysis.
SABIC Innovative Plastics is a trademark of SABIC Holding Europe BV
* Trademark of SABIC Innovative Plastics IP BV
This version for the letter supersedes all previous versions of it on the same subject.
Page: 2 of 2
RoHS_L_03_10_G_Resin(Version-3).doc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com