Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 31 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 31 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 27Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 28Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 29Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 30Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 31Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 32Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 33Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 34Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 35Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
Test Report.
No. CANEC1503047702
Date: 13 Mar 2015 .
Page 3 of 13.
Test Item(s).
Limit.
Unit.
MDL.
002.
Dibromodiphenyl ether .
-
mg/kg.
5
ND
Tribromodiphenyl ether .
-
mg/kg.
5
ND
Tetrabromodiphenyl ether .
-
mg/kg.
5
ND
Pentabromodiphenyl ether .
-
mg/kg.
5
ND
Hexabromodiphenyl ether .
-
mg/kg.
5
ND
Heptabromodiphenyl ether .
-
mg/kg.
5
ND
Octabromodiphenyl ether .
-
mg/kg.
5
ND
Nonabromodiphenyl ether .
-
mg/kg.
5
ND
Decabromodiphenyl ether .
-
mg/kg.
5
ND
Notes :.
(1) The maximum permissible limit is quoted from the directive 2011/65/EU, Annex II .
Halogen.
Test Method :. With reference to EN 14582: 2007, analysis was performed by Ion Chromatograph (IC). .
Test Item(s).
Unit.
MDL.
002.
Chlorine (Cl).
mg/kg.
50
ND
Bromine (Br).
mg/kg.
50
ND
Elementary Analysis.
Test Method :. With reference to US EPA Method 3052:1996, analysis was performed by ICP-OES. .
Test Item(s).
Unit.
MDL.
002.
Sb₂O₃.
mg/kg.
12
ND
Notes :.
(1) ◆ Calculated concentration of Sb₂O₃ is based on the identified Sb .
Polynuclear Aromatic Hydrocarbons (PAHs).
Test Method :. With reference to ZEK 01.4-08 of German ZLS and its amendments, analysis was performed by
GC-MS..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com