Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 48 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 48 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 44Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 45Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 46Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 47Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 48Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 49Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 50Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 51Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 52Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
Test Report.
No. CANEC1517788106
Date: 22 Oct 2015 .
Page 1 of 8.
FOUR PILLARS INDUSTRIAL(SHENZHEN)CO.,LTD. .
FOUR PILLARS TECHNOLOGIES & APPLIED MATERIALS(SHENZHEN)CO.,LTD.
FIRST AND SECOND BUILDING,THIRD INDUSTRIAL ZONE,FENGHUANG COUNTRY,FUYONG
TOWN,BAOAN DISTRICT,SHENZHEN ,CHINA
.
.
The following sample(s) was/were submitted and identified on behalf of the clients as : Label .
SGS Job No. :
CP15-058194 - SZ.
Lot No. :.
40371004.
Model No. :.
PO32AZ.
Client Ref. Info. :.
PO32AZ,PO3BZ,PO3MAZ,PO3MZ,PO6BZ,PO6GZ,.
PO6LZ,PO6MZ, PO6NZ,PO6TZ,PO6WZ,PO72AZ,.
PO72BZ,PO72TZ,PO72Z,PO7MCZ, PO7YZ ,PO7NZ,.
PO92Z,PO94AZ,PO9BHZ,PO9LZ,PO9MGZ,PO9MHZ,.
PO9MZ,PO9WZ,POBDZ,POBEZ,POBGZ,POBHZ,POBKZ, .
PO3BWZ,PO5MZ, PO9BZ,PO4MHZ,PO7YBZ.
Manufacturer :.
FOUR PILLARS INDUSTRIAL(SHENZHEN)CO.,LTD. .
FOUR PILLARS TECHNOLOGIES & APPLIED
MATERIALS(SHENZHEN)CO.,LTD. .
Manufacturer Address : .
FIRST AND SECOND BUILDING,THIRD INDUSTRIAL ZONE,FENGHUANG
COUNTRY,FUYONG TOWN,BAOAN DISTRICT,SHENZHEN ,CHINA .
Date of Sample Received : . 19 Oct 2015.
Testing Period :.
19 Oct 2015 - 22 Oct 2015 .
Test Requested :.
Selected test(s) as requested by client. .
Please refer to next page(s). .
Please refer to next page(s). .
Test Method :.
Test Results :.
Based on the performed tests on selected part of submitted sample(s), the
results of Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated
biphenyls (PBBs), Polybrominated diphenyl ethers (PBDEs) and Phthalates such
as Bis(2-ethylhexyl) phthalate (DEHP) , Butyl benzyl phthalate (BBP), Dibutyl
phthalate (DBP) , and Diisobutyl phthalate (DIBP) comply with the limits as set by
RoHS Directive (EU) 2015/863 amending Annex II to Directive 2011/65/EU. .
Conclusion :.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com