Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FASTENERBASE Datasheet(PDF) 18 Page - Delta Electronics, Inc.

Part # FASTENERBASE
Description  Thermal performance for 45 W CPU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERBASE Datasheet(HTML) 18 Page - Delta Electronics, Inc.

Back Button FASTENERBASE Datasheet HTML 14Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 15Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 16Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 17Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 18Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 19Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 20Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 21Page - Delta Electronics, Inc. FASTENERBASE Datasheet HTML 22Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
SPECIFICATION FOR APPROVAL
Customer
TMPBU
Description
DC FAN
Part No.
REV.
Delta Model No. AUC0912D-AF1F
REV.
00
Sample Issue No.
Sample Issue Date SEP.15.2010
PLEASE SEND ONE COPY OF THIS SPECIFICAITON
BACK AFTER YOU SIGNED APPROVAL FOR
PRODUCTION PRE-ARRANGMENT.
APPROVED BY:
DATE
:
DELTA ELECTRONICS, INC.
TAOYUAN PLANT
252, SHANG YING ROAD, KUEI SAN INDUSTRIAL ZONE
TAOYUAN SHIEN, TAIWAN, R.O.C
.
TEL:886-(0)3-3591968
FAX:886-(0)3-3591991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com